PART |
Description |
Maker |
STD1NC60 STD1NC60T4 STD1NC60-1 |
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh⑩II MOSFET N沟道600V 7ohm - 1.4A的DPAK /像是iPak PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMeshII MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
S1HNK60 STS1HNK60 |
N-CHANNEL 600V - 8 OHM - 0.3A SO-8 SUPERMESH POWER MOSFET N沟道600V 8欧姆- 0.3A的SO - 8 SUPERMESH功率MOSFET N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] 意法半导
|
FDPF17N60NT FDP17N60N |
N-Channel MOSFET 600V, 17A, 0.34Ω N-Channel MOSFET 600V, 17A, 0.34惟 N-Channel MOSFET 600V, 17A, 0.34楼?
|
Fairchild Semiconductor
|
IRFBC20 |
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
STB6NC60-1 STB6NC60T4 STP6NC60FP P6NC60 STB6NC60 S |
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?II MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESHII MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH⑩II MOSFET N-CHANNEL Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
FCH041N60F |
N-Channel SuperFETII FRFETMOSFET 600V, 76A, 41m 600V N-Channel MOSFET, FRFET
|
Fairchild Semiconductor
|
FCA47N60 FCH47N60 |
600V N-Channel MOSFET 47 A, 600 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD 600V N-Channel MOSFET
|
Fairchild Semiconductor, Corp.
|
IRFBC40 |
CAP CER 1000PF 100V 20% X7R 0603 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2A/ 600V/ 1.200 Ohm/ N-Channel Power MOSFET 6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
|
Intersil, Corp. Intersil Corporation
|
IRFIBC40GLC IRFIBC40GLCPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
|
IRF[International Rectifier]
|
FQT1N60C FQT1N60CTF-WS |
N-Channel QFETMOSFET 600V, 0.2A, 11.5 N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
|
Fairchild Semiconductor
|
FQI8N60C FQB8N60C FQB8N60CTM |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQI10N60C FQB10N60C FQB10N60CTM FQI10N60CTU |
600V N-Channel MOSFET 600V N-Channel Advance Q-FET C-Series
|
http:// FAIRCHILD[Fairchild Semiconductor]
|