PART |
Description |
Maker |
QL5032 QL5232 QL5030 QL5064 QL5130 |
33 MHz/32-bit PCI Master/Target with Embedded Programmable Logic and dual Port SRAM(33 MHz/32位PCI目标控制器(带嵌入式可编程逻辑和双口SRAM 33 MHz/32-bit PCI Target with Embedded Programmable Logic and Dual Port SRAM(33 MHz/32位PCI目标控制器(带嵌入式可编程逻辑和双口SRAM 66 MHz/64-bit PCI Master/Target with Embedded Programmable Logic and dual Port SRAM(66MHz/64位PCI目标控制器(带嵌入式可编程逻辑和双口SRAM
|
QuickLogic Corp.
|
S5935 |
32-Bit Pci Bus Master/target
|
AMCC
|
QL5432-33APQ208C QL5432-33APQ208I QL5432-33APB456I |
33MHz/32-bit PCI master/target with embedded programmable logic and dual port SRAM. ASIC
|
QuickLogic
|
QL5432 QL5432_DS |
33 MHz/32-Bit PCI Master/Target with Embedded
Programmable Logic and Dual Port SRAM From old datasheet system
|
quicklogic
|
PCI6466-CB66BI PCI6466-CB66BIG |
Dual-Mode (Transparent & Non-Transparent) Universal FastLane64-bit, 66MHz PCI-to-PCI Bridge PCI BUS CONTROLLER, PBGA380
|
PLX Technology, Inc.
|
PCI9052 PCI9052RDK-LITE PCI9052G |
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
|
PLX Technology
|
5FW-4 |
Target, Harsh Environment target, Special, Stainless Steel, FW Series
|
Honeywell
|
AT76C506 |
AT76C506 single-chip MAC and Baseband with low power ARM7TDMIRISC processor, PCI Bus Interface (compliant with PCI v2.2 and PCI Power Management Specification v1.1), integrated 6K x 32-bit Internal SRAM, 160-pin CABGA Package, 3.3V opera
|
Atmel
|
ETM831 |
4 PCI Bus master, ISA Bus supported
|
Axiomtek Co., Ltd.
|