PART |
Description |
Maker |
MP8003AGQ EV8003A-Q-00A |
IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
|
Monolithic Power System...
|
FSW-0503 |
Provides flexibility of 4 x 10/100BASE-TX PoE ports IEEE 802.3af PoE compliant to simplify deployment and installation
|
Level One
|
FGP-2410 |
24 PoE-Plus Fast Ethernet ports and 2 Gigabit combo (RJ-45/SFP) ports IEEE 802.3af/at PoE compliant to simplify deployment and installation
|
Level One
|
MAX5982AETE MAX5982B MAX5982C MAX5982CETE |
IEEE 802.3af/at-Compliant, Powered Device Interface
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX5969BETB MAX5969A MAX5969AETB MAX5969B |
IEEE 802.3af/at-Compliant, Powered Device Interface Controllers with Integrated Power MOSFET
|
Maxim Integrated Products
|
FCS-1122 |
Megapixel (1280 x 800) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
|
Level One
|
IRF4000 IRF4000TR |
2.4 A, 100 V, 0.35 ohm, 4 CHANNEL, N-CHANNEL, Si, POWER, MOSFET IEEE 802.3af Compliant PoE Switch in Power Sourcing Equipment From old datasheet system
|
International Rectifier
|
FCS-1131-18 CAS-1400 |
Fixed IP Network Camera, 2-Megapixel, 802.3af PoE
|
Level One
|
MAX5984 |
IEEE 802.3af/at PSE Controller
|
Maxim Integrated Products
|
LTC4257 |
IEEE 802.3af PD Power-Over-Ethernet Interface Controller
|
Linear
|