PART |
Description |
Maker |
MP9100 |
Power Film Resistors TO-126, TO-220 and TO-247 Style
|
Caddock Electronics, In...
|
UPD7566G UPD7566CS |
4-BIT/ SINGLE-CHIP CMOS MICROCOMPUTERS WITH COMPARATOR EB Melody & Chime Series; Mounting Style: Panel mount; Functions: Melody & Chime; Rated Voltage: 120V AC; Style: Box style; Color: Beige Enclosure; Diameter: 133mm square; Applicable Model: EB
|
NEC Corp.
|
TO-220 TR30 SEI-TR TR20 TR50 TR50H TR35 |
TO-220 and TO-247 Style Power Resistor
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
R24Y15 R05X12 R05X13 R05Y12 R05Y13 R12X05 R12X09 R |
Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:20-24 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:18-5 EUROLINE - DC/DC - CONVERTER 1W DC/DC converter with 5V input, 5V/100mA output
|
RECOM Power Inc. RECOM[Recom International Power]
|
MS90538-10SH MS90538-12BH MS75101-6BH MS75101-5SH |
General Fixed Inductor, IND,IRON,82UH,5% TOL,5% -TOL,LT10K MIL STYLE General Fixed Inductor, IND,IRON,100UH,5% TOL,5% -TOL,LT10K MIL STYLE IND MLD 8.2UH 10% 7.9MHZ 30Q-FCTR IRON 540MA AXL - Bulk IND MLD 6.8UH 10% 7.9MHZ 30Q-FCTR IRON 560MA AXL - Tape and Reel General Fixed Inductor, IND,PHENOLIC,330NH,20% TOL,20% -TOL,LT4K MIL STYLE General Fixed Inductor, 1 ELEMENT, 100 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR, AXIAL LEADED General Fixed Inductor, IND,IRON,150UH,5% TOL,5% -TOL,LT10K MIL STYLE General Fixed Inductor, IND,IRON,120UH,5% TOL,5% -TOL,LT10K MIL STYLE
|
Vishay Dale
|
PALR-03VF PALR-08VF |
FAMILY SERIES/PA?PAF?PAL CONNECTOR 2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
|
List of Unclassifed Manufac...
|
EKB |
Aluminum Electrolytic Capacitors, Radial Style, Long Lifetime, Extended Temperature Range (105°C), Polarized AI Electrolytic Capacitor, High C-U Product, Very Small Dimensions Aluminum Electrolytic Capacitors, Radial Style(扩展温度范围05℃的径向引线铝电解电
|
Vishay Intertechnology,Inc.
|
AD5687R |
Dual, 12-Bit <em><span style="text-transform: lowercase">nano</span></em>DAC with 2 <span style="text-transform: lowercase">ppm</span>/°C On-Chip Reference and SPI Interface
|
Analog Devices
|
BC847AWT1 BC847BWT1 BC847CWT1 BC848BWT1 BC846BWT1 |
CASE 419-02, STYLE 3 SOT-323/SC-70 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR CASE 419-02/ STYLE 3 SOT-323/SC-70
|
Motorola Mobility Holdings, Inc. Motorola Inc MOTOROLA[Motorola, Inc]
|
MRF5007R1 MRF5007 |
Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:SM3102; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight N-CHANNEL BROADBAND RF POWER FET
|
Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
DTC114YE DTC114YE_D ON0281 |
CASE 463-01/ STYLE 1 SOT-416/SC-90 CASE 463-01, STYLE 1 SOT-416/SC-90 CASE 463-1, STYLE 1 SOT-16/SC-0 From old datasheet system
|
Motorola Inc ON Semi MOTOROLA[Motorola, Inc]
|