PART |
Description |
Maker |
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LTC1436AIGN-PLL LTC1436ACGN-PLL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Noise Synchronous Step-Down Switching Regulators
|
http:// Linear Technology Corporation
|
MV5364X HLMP-1523 MV5464X_HLMP-15X3 HLMP1301 MV536 |
Yellow T-1 Solid State Lamp High Efficiency Red T-1 Solid State Lamp High Efficiency Green T-1 Solid State Lamp High Efficiency Red Diffused T-100 Solid State Lamp High Efficiency Green Diffused T-100 Solid State Lamp Yellow Diffused T-100 Solid State Lamp Standard Red T-1 Solid State Lamp GENERAL PURPOSE VISIBLE DOME-STYLE SERVSWITCH DVI KVM CABLE W/ QUAD HEAD VIDEO 6FT. DIFFUSED T-100 SOLID STATE LAMPS T-1 SINGLE COLOR LED, YELLOW, 3 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
UF3A-UF3M HS3A-HS3M UF3A |
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS Glass High Efficiency Rectifiers Glass Ultrafast Recovery Rectifiers
|
HY ELECTRONIC CORP.
|
BYW29FP-200 5011 BYW29G-200 BYW29-200 BYW29F-200 B |
Low noise low drop voltage regulator with shutdown function From old datasheet system HIGH EFFICIENCY FAST RECOVERY DIODES HIGH EFFICIENCY FAST RECOVERY DIODES
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STTH802C 8723 STTH802CB STTH802CB-TR STTH802CFP ST |
HIGH EFFICIENCY ULTRAFAST DIODE 高效超快二极 From old datasheet system HIGH EFFICIENCY ULTRAFAST DIODE
|
STMicroelectronics N.V. ST Microelectronics
|