PART |
Description |
Maker |
ADM6316CY29ARJ-RL7 ADM6318CY29ARJZ-R7 ADM6320CY29A |
Supervisory Circuit with Watchdog and Manual Reset in 5-Lead SOT-23; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5
|
Analog Devices, Inc.
|
PIC18F452-E/L PIC18F442-E/L PIC18F452-I/L PIC18F44 |
High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Microchip Technology Inc.
|
EDI7P040FLE2402C15 EDI7P048FLE2402C15 EDI7P024FLE2 |
1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 250MHz Differential Line Receivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Peripheral Miscellaneous Flash Memory Card 8 MB Through 64 MB (AMD Based)(8M字节-64M字节闪速存储器卡(基于AMD 450MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 670MHz Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 周边杂项 Super Sync Separator; Temperature Range: 0°C to 70°C; Package: 24-QSOP T&R 周边杂项 350MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 250MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 周边杂项 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
Bourns, Inc. Sumida, Corp. Vicor, Corp. Vishay Intertechnology, Inc. 3M Company Sanyo Electric Co., Ltd.
|
MM74HC175 MM74HC175M MM74HC175MTC MM74HC175N MM74H |
Quad D-Type Flip-Flop With Clear Zener Diode 225 mW 33 V ±5%SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
PM1012AZ PM1012AZ/883C PM156Z PM156J PM156AJ PM156 |
2.5µA, 1% Accurate SOT-23 Comparator and Voltage Reference for Battery Monitoring; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C Analog to Digital Converter Operational Amplifier 运算放大
|
Rochester Electronics, LLC
|
ADG465BRM ADG465BRT ADG465 ADG465BRT-REEL7 ADG465B |
Single Channel Protector in an SOT-23 Package Single Channel Protector in SOT-23/SOIC Packages Single Channel Protector in SOT-23/µSOIC Packages; Package: SOT-23; No of Pins: 6; Temperature Range: Industrial Single Channel Protector in SOT-23/µSOIC Packages; Package: MSOP; No of Pins: 8; Temperature Range: Industrial
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AM27C64-70LEB AM27C64-120LEB AM27C64-70/BXA AM27C6 |
Standalone Linear Li-Ion Battery Chargers with Thermal Regulation in DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Coulomb Counter/Battery Gas Gauge; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 4A, High Efficiency, Standalone Li-Ion Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C x8 EPROM x8存储
|
Ironwood Electronics
|
LTC6910-1ITS8TR LTC6910-1-15 |
Digitally Controlled Programmable Gain Amplifiers in SOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C INSTRUMENTATION AMPLIFIER, 1500 uV OFFSET-MAX, PDSO8
|
Linear Technology, Corp.
|
LTC1754ES6-3.3 LTC1754-3.3 LTC1754ES6-5 LTC1754-5 |
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO6 Micropower/ Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
898-3-R220F 898-3-R330F 898-3-R47KF 898-1-R220F 89 |
1MSPS, 12-Bit ADC in 6 Lead SOT-23; Package: SOT-23; No of Pins: 6; Temperature Range: Industrial 双列直插厚膜电阻网络 Dual, Low Noise, Single-Supply Variable Gain Amplifier; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 双列直插厚膜电阻网络 16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR® ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial 双列直插厚膜电阻网络 Miniature Switch, High Precision 双列直插厚膜电阻网络 Dual-In-Line Thick Film Resistor Networks 双列直插厚膜电阻网络
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
TC1240AI/CHTR TC1240I/CHTR TC1240ECHTR TC1240 |
Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package(159kHz开关频带关断DC-DC) Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package 积极加倍电荷泵与关机采用SOT - 23封装
|
Microchip Technology Inc. Microchip Technology, Inc.
|