PART |
Description |
Maker |
2SC4399 |
ECONOLINE: RUZ - Dual Output from a Single Input Rail- Input/Output Isolation 1kVDC- Output/Output Isolation 1kVDC- Power Sharing on Outputs- UL94V-0 Package Material- Toroidal Magnetics- No Extern. Components Required- Efficiency to 85% 高频通用放大器应 High-Frequency General-Purpose Amp Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device Toshiba Semiconductor
|
LTV-352T |
High current transfer ratio, High input-output isolation voltage 1 CHANNEL DARLINGTON OUTPUT OPTOCOUPLER
|
Lite-On Technology, Corp. Lite-On Technology Corporation
|
2SB919 2SD1235 2SB919S 2SD1235R |
30V/8A High-Speed Switching Applications 30V/8A高速开关应 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 8A I(C) | TO-220AB TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 8A I(C) | TO-218VAR 晶体管|晶体管|叩| 30V的五(巴西)总裁| 8A条一(c)|18VAR
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device] Shindengen Electric Manufacturing Co., Ltd.
|
HMMC-3124 HMMC-3124-BLK HMMC-3124-TR1 |
HMMC-3124 · SO-8 SMT 0.5-12GHz high eff. GaAs HBT prescalers DC-12 GHZ PACKAGED HIGH EFFICIENCY DIVIDE-BY-4PRESCALER
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
FMS6501MSA28X FMS6501 FMS6501MSA28 |
12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PS2705-1-A PS2705-1-V-A PS2705-103 |
1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
|
NEC
|
GHPW5V020PMT003L GHPC2V530EET001L GHPC2V530EET002L |
Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
|
GALAXY[Galaxy Power, Inc.]
|
PS2707 PS2707-1 PS2707-1-V PS2707-2 PS2707-2-V PS2 |
AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER
|
NEC Corp. NEC[NEC]
|
NJU7044 |
Input/Output Full-Swing High Output Current Quad C-MOS Operational Amplifier
|
New Japan Radio
|
BD-E522RD BD-E525RD BD-E526RD BG-C51DRD BD-A511RD |
Hi eff red/orange, cathode, dual digit LED display DUAL DIGIT LED DISPLAYS 双位数字的LED显示 RES,TF,82.5,1.0%,100PPM,0.25W ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% RES 75R0 SM 1/4W F 1206C THKF 100PPM TR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers Yellow Stone Corp
|
IN74HC597A IN74HC597AD IN74HC597AN |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
KK74HC597A KK74HC597AD KK74HC597AN |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register with Input Latch High-Performance Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|