PART |
Description |
Maker |
TA202412 TA202414 TA203012 TA203014 TA204012 TA204 |
Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts) 第一阶段控制晶闸管(1200-1400安培平均2400-4000伏特
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
APT25GT120BRG |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: TO-247 [B]; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 25; 54 A, 1200 V, N-CHANNEL IGBT, TO-247AA
|
Advanced Power Technology, Ltd.
|
APT50GT120B2RDQ2G |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: T-MAX™ [B2]; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 50; 94 A, 1200 V, N-CHANNEL IGBT, TO-247
|
Microsemi, Corp.
|
APT25GT120BRDQ2G |
Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: TO-247 [B]; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 25; 54 A, 1200 V, N-CHANNEL IGBT, TO-247
|
Microsemi, Corp.
|
CM100DY-24H |
Dual IGBTMOD 100 Amperes/1200 Volts 100 A, 1200 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
APT11GF120BRDQ1 APT11GF120BRDQ1G |
FAST IGBT & FRED Insulated Gate Bipolar Transistor-NPT Medium Speed; Package: TO-247 [B]; BV(CES) (V): 1200; VCE(sat) (V): 3; IC (A): 11; 25 A, 1200 V, N-CHANNEL IGBT, TO-247AC
|
Advanced Power Technolo... ADPOW[Advanced Power Technology] Microsemi, Corp.
|
APT150GT120JR |
Thunderbolt IGBT Insulated Gate Bipolar Transistor - NPT Standard Speed; Package: ISOTOP®; BV(CES) (V): 1200; VCE(sat) (V): 3.2; IC (A): 90; 170 A, 1200 V, N-CHANNEL IGBT
|
Microsemi Corporation Microsemi, Corp.
|
APT25GN120B APT25GN120BG APT25GN120S APT25GN120SG |
Insulated Gate Bipolar Transistor-Trench Fieldstop Low Frequency; Package: D3 [S]; BV(CES) (V): 1200; VCE(sat) (V): 1.7; IC (A): 33; 67 A, 1200 V, N-CHANNEL IGBT Utilizing the latest Field Stop and Trench Gate technologies
|
Microsemi, Corp. Microsemi Corporation
|
AD9735BBCRL AD9735BBCZ AD9735BBCZRL AD9735-EB AD97 |
12-Bit, 1200 MSPS D/A Converter; Package: CSPBGA (12x12x1.4mm); No of Pins: 160; Temperature Range: Industrial SERIAL INPUT LOADING, 12-BIT DAC, BGA160 10-/12-/14-Bit, 1200 MSPS DACS
|
Analog Devices, Inc.
|
CM75DU-24F |
Trench Gate Design Dual IGBTMOD?/a> 75 Amperes/1200 Volts Trench Gate Design Dual IGBTMOD⑩ 75 Amperes/1200 Volts Trench Gate Design Dual IGBTMOD 75 Amperes/1200 Volts Trench Gate Design Dual IGBTMOD75 Amperes/1200 Volts 75 A, 1200 V, N-CHANNEL IGBT
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
MD004 |
1200 - 1300 Mhz 25W Antenna Switch 1200-1300MHZ, 5W, ANTENNA SWITCH
|
Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation
|
APT2X31DQ120J APT2X30DQ120J |
Fast Recovery Epitaxial Diode; Package: ISOTOP®; IO (A): 30; VR (V): 1200; trr (nsec): 25; VF (V): 2.6; Qrr (nC): 1800; 30 A, 1200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|