PART |
Description |
Maker |
HFM203-S |
Chip High Effciency Rectifiers
|
Formosa MS
|
HFM301-BS |
Chip High Effciency Rectifiers
|
Formosa MS
|
FE8A60F |
Effciency Fast Rectifiers
|
Formosa MS
|
LDS-1310-005-BL |
Output Power: 5 mW Typical 1310 nm Emission Wavelength Single mode High Reliability, High Effciency
|
Roithner LaserTechnik GmbH
|
BD8301MUV-E2 BD8301MUV |
High-effciency Step-up/down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
BD8305MUV-E2 BD8305MUV |
High-effciency Step-up/down Switching Regulators with Built-in Power MOSFET
|
Rohm
|
LDM-0980-300M-92 |
CW Output Power: 300 mW Typical 975 nm Emission Wavelength High-effciency Quantum Well Structure TO5 Package
|
Roithner LaserTechnik GmbH
|
TPCP8005-H |
High-Effciency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
|
Toshiba Semiconductor
|
RC0805JR-07 RC1206JR-07 RC0805JR-07100ML RC1206KR- |
HIGH OHMIC CHIP RESISTORS HIGH OHMIC CHIP RESISTORS RC high ohmic series HIGH OHMIC CHIP RESISTORS RC high ohmic series 20%, 10%, 5% sizes 0805/1206 RoHS compliant
|
YAGEO Corporation
|
UGB6124AG UGB3132AD UGD8124AG UGD6123AG |
High Voltage rectifiers Hochspannungs-gleichrichter Thyristor and Rectifiers Modules: High Voltage Rectifier Modules High Voltage rectifiers Hochspannungs-gleichrichter 1 A, 10500 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS Corporation IXYS, Corp.
|
VFC1206RABT VFC1206RABW VFC1206RBBT VFC1206RCBT VF |
High Precision Flip Chip, Patents Pending (Industrialized Countries) High Precision Flip Chip Patents Pending (Industrialized Countries) Discrete High Precision Flip Chip Resistor High-Flex Round Conductor Flat Cable; Number of Conductors:10; Pitch Spacing:0.05"; Conductor Size AWG:28; No. Strands x Strand Size:19 x 40; Approval Bodies:UR RoHS Compliant: Yes
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|