PART |
Description |
Maker |
NFE61HT330U2A9L NFE61HT330U2A9B NFE61HT361C2A9B NF |
This reference specification applies to Chip EMIFIL ? LC Combined Type for Large Current NFE61H Series for Automotive Electronics based on AEC-Q200
|
Murata Manufacturing Co...
|
1N3156AE3 1N3156E3 JANTX1N3154-1 1N3156A-1 1N3157A |
8.4 Volt Temperature Compensated Zener Reference Diodes 0TC Reference Voltage Zener; Package: DO-7; Power (W): 0.5; ZZT (Ohms): 15; IR (µA): 10; Tol (%): 5; 8.4 V, SILICON, VOLTAGE REFERENCE DIODE, DO-204AA
|
Microsemi Corporation Microsemi, Corp.
|
ZXRE125 ZXRE125FR ZXRE125CF ZXRE125DF ZXRE125DN8 Z |
Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PBCY3 Analog IC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8 SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO3 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:21; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No
|
Analog Devices, Inc. Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
TC1041CEUA TC1041 TC1041CEOA |
The TC1041 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting inputs of both comparators are internally connected to the reference. This increased integration allows the us Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
|
MICROCHIP[Microchip Technology]
|
OPB16450UART |
This document provides the specification DS433 August 18, 2004 Product Specification
|
Xilinx, Inc.
|
LT1027 LT1027A LT1027ACH-5 LT1027B LT1027BCH-5 LT1 |
Precision 5V Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
ZRT025GC1TA |
2.5V LOW POWERPRECISION REFERENCE SOURCE 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO4
|
Zetex Semiconductor PLC
|
CDLL938B 1N935BUR-1 1N937BUR-1 1N938BUR-1 CDLL935 |
9 V, SILICON, VOLTAGE REFERENCE DIODE, DO-213AA TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
|
MICROSEMI CORP-LAWRENCE MICROSEMI[Microsemi Corporation]
|
RH4583A-1 |
6.4 Volt Temperature Compensated Zener Reference Diodes 8.4 V, SILICON, VOLTAGE REFERENCE DIODE, DO-7
|
Microsemi, Corp.
|
CLM4041 CLM4041C CLM4041CN CLM4041CS CLM4041CY CLM |
Precision Micropower Bandgap Shunt Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.225 V, PBCY3
|
Calogic LLC CALOGIC[Calogic, LLC]
|
LT1460-2.5 LT1460ACN8-2.5 LT1460ACS8-2.5 LT1460BIN |
Micropower Precision Series Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 From old datasheet system
|
Linear Technology, Corp. 基准电压电流 Linear Technology Corporation LINER[Linear Technology]
|