PART |
Description |
Maker |
CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI |
256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: LLP; No of Pins: 10 LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: SOIC NARROW; No of Pins: 8 Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz
|
ITT, Corp. NXP Semiconductors N.V. CATALYST[Catalyst Semiconductor]
|
DGD2190S8-13 |
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
|
Diodes Incorporated
|
BUK212-50Y BUK212_217_50Y-01 BUK217-50Y |
BUK212-50Y; BUK217-50Y; Single channel high-side TOPFET(tm) Single channel high-side TOPFET⑩ From old datasheet system Single channel high-side TOPFET TM Single channel high-side TOPFET垄芒 Single channel high-side TOPFET?/a> 25 A BUF OR INV BASED PRPHL DRVR, PSSO4 Single channel high-side TOPFET??/span>
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
AUIRS20161S |
One high side output and internal low side Vs recharge. Automotive Grade High Side Driver with Internal Vs Recharge in a SO-8 package
|
International Rectifier International Rectifier, Corp.
|
CAT24FC16RITE13REV-F CAT24FC16JITE13REV-F CAT24FC1 |
CAT5E PATCH CORD 100MHZ 4 FOOT BEIGE Aluminum Electrolytic SMT General Purpose Capacitor; Capacitance: 33uF; Voltage: 25V; Case Size: 6.3x5 mm; Packaging: Tape & Reel LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: SOIC NARROW; No of Pins: 8 16-kb I2C Serial EEPROM 16-kb, High Speed, Low Voltage I2C Serial EEPROM
|
CATALYST[Catalyst Semiconductor]
|
PS7241C-AT5F3 PS7241C-AT1F4 PS7241C-AT5F4 |
FET-OUTPUT OPTOCOUPLER High and Low Side Driver, Noninverting Inputs; A IR2101 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IRS21064 packaged in a Lead-Free 14-Lead PDIP 场效应管输出光耦合 High and Low Side Driver, Noninverting Inputs; A IR2101S with Standard Packaging 场效应管输出光耦合
|
NEC, Corp.
|
ATA683210 ATA6832-PIQW |
Three Half-bridge Outputs Formed by Three High-side and Three Low-side Drivers
|
ATMEL Corporation 聚兴科技股份有限公司
|
NTMFD4901NF NTMFD4901NFT1G |
30 V, High Side 18 A / Low Side 30 A, Dual N?Channel SO8FL
|
ON Semiconductor
|
AUIRS21811S |
Automotive qualified High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
IRS21953SPBF |
HIGH SIDE & DUAL LOW SIDE DRIVER IC
|
International Rectifier
|
FAN3111 FAN3111CSX FAN3111ESX |
Single 1A High-Speed, Low-Side Gate Driver
|
ON Semiconductor
|