PART |
Description |
Maker |
DFE201610E-4R7M |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201210S-1R0M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201208S-1R0M |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201610P-1R0M DFE201610P-1R0M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201208S-R47M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
1239AS-H-100M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201610P-2R2M DFE201610P-2R2M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
C62122-A132-B94 B84114-D-A10 B84114-D-A110 B84114- |
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
|
EPCOS[EPCOS]
|
B82432-T |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
|
EPCOS[EPCOS]
|
B84114-D-A30 B84114-D-A60 B84114-D-B20 B84114-D-K1 |
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A 推出SIFI -高插入额定电50损失研发0/60赫兹额定电流1 A0
|
EPCOS AG
|
B82422-A1102-100 B82422-A1103-100 B82422-A1104-100 |
Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 uH Rated current 65 to 800 mA
|
EPCOS AG EPCOS[EPCOS]
|