PART |
Description |
Maker |
PZ8GG-1515Z PZ8GG-0505Z PZ8GG-0512Z PZ8GG-0515Z PZ |
Input voltage:15V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 0.5KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 0.5KV isolated 1.5W regulated dual output PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
TP78LU5.0-0.5 TP78LU12-0.5 TP78LU15-0.5 TP78LU24-0 |
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
|
Toppower Electronic Tec...
|
LC74793 |
IC Sockets Adapter; Convert From:20-Pin SOIC; Convert To:20-Pin DIP; Leaded Process Compatible:No; No. of Contacts:20; Peak Reflow Compatible (260 C):No; No. of Positions:20 RoHS Compliant: No 车辆定位系统/ PDC的切片机集成电路
|
Sanyo Electric Co., Ltd.
|
1269 |
BNC Coaxial Connector; Convert From:BNC Jack; Convert To:Dual Banana Plug; Body Material:Brass; Contact Material:Beryllium Copper; Contact Plating:Gold; Voltage Rating:500V INTERCONNECTION DEVICE
|
Pomona Electronics
|
DCM3623T75H31C2T00 DCM3623T75H31C2M00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H53C2M00 DCM3623T75H53C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623X36G06A8YZZ |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H40C2T70 DCM3623T75H40C2M70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H31C2T70 DCM3623T75H31C2M70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M26C2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M31C2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
WRN7805-1500B WRN786.5-1500 WRN786.5-1500B WRN78XX |
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
|
Microdc power Technology Co., Ltd
|