PART |
Description |
Maker |
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6MG244R8ZS P6MG0503ZS P6MG0505ZS P6MG053R3ZS P6MG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT DIP14 千伏隔震0,6瓦稳压双输出DIP14劈裂
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXZM P8SG-0505ZM P8SG-053R6ZM P8SG-1205ZM P |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6DG-244R8E P6DG-0503E P6DG-0505E P6DG-0509E P6DG- |
1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔瓦稳压单输出DIP14 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔1瓦稳压单输出DIP14
|
PEAK[PEAK electronics GmbH]
|
1269 |
BNC Coaxial Connector; Convert From:BNC Jack; Convert To:Dual Banana Plug; Body Material:Brass; Contact Material:Beryllium Copper; Contact Plating:Gold; Voltage Rating:500V INTERCONNECTION DEVICE
|
Pomona Electronics
|
DCM4623TD2K04A5M00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3414B50M31C2T01 DCM3414V50M31C2T01 DCM3414B50M3 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H26C2M00 DCM3623T75H26C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H40C2M00 DCM3623T75H40C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623TA5N06A2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H40C2T70 DCM3623T75H40C2M70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3414X50M06A8YZZ-17 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|