PART |
Description |
Maker |
MMDF2C03HD ON2158 MMDF2C03HD-D |
Complementary TMOS Field Effect Transistors COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
CPH6355-TL |
3 A, 30 V, 0.169 ohm, P-CHANNEL, Si, POWER, MOSFET HALOGEN FREE, CPH6, SC-74, SOT-457, 6 PIN General-Purpose Switching Device Applications
|
SANYO Semiconductor Co., Ltd. Sanyo Semicon Device
|
MTDF1C02HD |
COMPLEMENTARY DUAL TMOS POWER FET
|
Motorola, Inc.
|
MMDF2C02E-D |
Power MOSFET 2.5 Amps, 25 Volts Complementary SO-8, Dual
|
ON Semiconductor
|
MMDF2C01HD-D |
Power MOSFET 2 Amps, 12 Volts Complementary SO-8, Dual
|
ON Semiconductor
|
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
EN5810 EN5810A |
Bipolar Transisitor, -50V, -1A, Low VCE(sat) PNP Single CPH6 Bipolar Transisitor -50V, -1A, Low VCE(sat) PNP Single CPH6
|
ON Semiconductor
|
ZXTD4591AM832 ZXTD4591AM832TA |
MPPS?Miniature Package Power Solutions Complementary dual 40V high performance transistor
|
Diodes Incorporated
|
MJF31C MJF32C MJF31C-D |
Complementary Silicon Plastic Power Transistors for Isolated Package Applications 3.0 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 28 WATTS
|
ONSEMI[ON Semiconductor]
|
TIP105 TIP100 TIP106 TIP101 TIP102 TIP107 ON2977 |
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 8 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-220AB From old datasheet system DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
CFB940 CFB940A CFB940AP CFB940AQ CFD1264AQ CFD1264 |
2.000W Power PNP Plastic Leaded Transistor. 150V Vceo, 2.000A Ic, 60 - 240 hFE. Complementary CFD1264 2.000W Power PNP Plastic Leaded Transistor. 180V Vceo, 2.000A Ic, 60 - 240 hFE. Complementary CFD1264A 2.000W Power PNP Plastic Leaded Transistor. 180V Vceo, 2.000A Ic, 100 - 240 hFE. Complementary CFD1264AP 2.000W Power PNP Plastic Leaded Transistor. 180V Vceo, 2.000A Ic, 60 - 140 hFE. Complementary CFD1264AQ 2.000W Power NPN Plastic Leaded Transistor. 180V Vceo, 2.000A Ic, 60 - 140 hFE. Complementary CFB940AQ 2.000W Power NPN Plastic Leaded Transistor. 150V Vceo, 2.000A Ic, 60 - 140 hFE. Complementary CFB940Q 2.000W Power PNP Plastic Leaded Transistor. 150V Vceo, 2.000A Ic, 60 - 140 hFE. Complementary CFD1264Q 2.000W Power NPN Plastic Leaded Transistor. 150V Vceo, 2.000A Ic, 100 - 240 hFE. Complementary CFB940P 2.000W Power NPN Plastic Leaded Transistor. 180V Vceo, 2.000A Ic, 60 - 240 hFE. Complementary CFB940A 2.000W Power PNP Plastic Leaded Transistor. 150V Vceo, 2.000A Ic, 100 - 240 hFE. Complementary CFD1264P 2.000W Power NPN Plastic Leaded Transistor. 180V Vceo, 2.000A Ic, 100 - 240 hFE. Complementary CFB940AP
|
Continental Device India Limited
|
|