PART |
Description |
Maker |
AP3421A AP3421DNTR-G1 |
1.3MHz, DUAL 1.0A SYNCHRONOUS STEP-DOWN CONVERTER 1.3MHz, DUAL 1.0A SYNCHRONOUS STEP-DOWN CONVERTERS
|
Diodes
|
ADP2102 ADP2102-EVAL |
600mA 3MHz Synchronous Step-Down DC-DC Converter
|
Analog Devices
|
NCV6354 NCV6354BMTAATBG |
3MHz, 2A Fixed-Frequency,Synchronous Buck Converter 3MHz, 2A Fixed-Frequency Synchronous Buck Converter 3MHz 2A Fixed-Frequency Synchronous Buck Converter
|
ON Semiconductor
|
LTC3421 LTC3421EUF |
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
|
LINER[Linear Technology]
|
LTC3423 |
(LTC3423 / LTC3424) Low Output Voltage 3MHz Micropower Synchronous Boost Converters
|
Linear Integrated
|
LT3461 LT3461A LT3461ES6 LT3461AES6 LT3461ES6PBF L |
1.3MHz Step-Up DC/DC Converter in ThinSOT 1.3MHz/3MHz Step-Up DC/DC Converters with Integrated Schottky in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.6 A SWITCHING REGULATOR, 1700 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
LTC3402EMS LTC3402 LTC3402-15 |
2A, 3MHz Micropower Synchronous Boost Converter
|
Linear Technology
|
AM21L41-15DCB AM21L41-15PCB AM21L41-20DCB AM21L41- |
250µA, 3MHz, 200V/µsOperational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifier; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 12MHz, 400V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 25MHz, 600V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Power Synchronous DC/DC Controller; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C x1的SRAM
|
RECOM Electronic GmbH
|
ISL9104IRUNZ-T ISL9104IRUBZ-T |
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R 1.35 A SWITCHING REGULATOR, 4900 kHz SWITCHING FREQ-MAX, PQCC6
|
Intersil, Corp. INTERSIL CORP
|
PAM2304BKFADJ |
3MHz, 1A STEP-DOWN DC-DC CONVERTER
|
Diodes
|