PART |
Description |
Maker |
AKD4641EN-A |
16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
|
Asahi Kasei Microsystems
|
74LCX16245A 5422 |
LOWVOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE)WITH 5V TOLERANT INPUTS AND OUTPUTS From old datasheet system
|
STMicro
|
HY57V641620HGT-6I HY57V641620HGT-7I HY57V641620HGT |
SDRAM - 64Mb 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 6 ns, PDSO54 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 5 ns, PDSO54 x16 SDRAM x16内存 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 4.5 ns, PDSO54 CAP 0.01UF 50V 10% X7R SMD-0805 TR-13 PLATED-NI/SN Ceramic Multilayer Capacitor; Capacitance:10000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:0805; Series:MLCC; Dielectric Material:Ceramic; Leaded Process Compatible:Yes CAP SMD 0805 .01UF 50V 5% CONNECTOR ACCESSORY From old datasheet system
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
A43L2616V-6PH A43L2616V-7PH |
Cycle time:6ns; 166MHz CL=3 access time:5.0ns 1M x 16bit x 4banks synchronous DRAM Cycle time:7ns; 143MHz CL=3 access time:5.4ns 1M x 16bit x 4banks synchronous DRAM
|
AMIC Technology
|
KM416C1004CJ-5 KM416C1004CJ-6 KM416C1004CJL-6 KM41 |
1M x 16Bit CMOS dynamic RAM with extended data out, 50ns, VCC=5.0V, refresh period=64ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, refresh period=64ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, self-refresh 1M x 16Bit CMOS dynamic RAM with extended data out, 50ns, VCC=5.0V, refresh period=16ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, refresh period=16ms 1M x 16Bit CMOS dynamic RAM with extended data out, 45ns, VCC=5.0V, self-refresh
|
Samsung Electronic
|
AK4564VQ AK4564 AKD4564 |
16bit Mic/Hp/Spk AMP & D-ALC/EQ 16BIT CODEC WITH BUILT-IN ALC AND MIC/HP/SPK-AMP
|
AKM Asahi Kasei Microsystems
|
AKD4550-E |
16bit A/D and D/A converter
|
Asahi Kasei Microsystems Co.,Ltd
|
M12L16161A-5TG2Q M12L16161A-7TG2Q M12L16161A2Q |
512K x 16Bit x 2Banks
|
Elite Semiconductor Memory Technology Inc.
|
KM416C256DLJ-7 KM416V256DLJ-5 KM416C256DLJ-5 KM416 |
256K x 16Bit CMOS dynamic RAM with fast page mode, 70ns, 5V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 50ns, 3.3V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 50ns, 5V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 60ns, 5V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 60ns, 3.3V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 70ns, 3.3V, self-refresh capability
|
Samsung Electronic
|
M12L32162A0712 M12L32162A-7BVG |
1M x 16Bit x 2Banks Synchronous DRAM
|
Elite Semiconductor Memory Technology Inc.
|
M12L32162A-5.5BG M12L32162A09 M12L32162A-5.5TG M12 |
1M x 16Bit x 2Banks Synchronous DRAM
|
Elite Semiconductor Memory Technology Inc.
|