PART |
Description |
Maker |
IRF530 IRF532FI IRF531FI IRF533FI IRF531 IRF530FI |
N-channel MOSFET, 80V, 9A N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFET⑩ II POWER MOSFET N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SW69N65K2 |
N-channel Enhanced mode TO-247 MOSFET
|
Xian Semipower Electron...
|
SW69N65K2F |
N-channel Enhanced mode TO-247 MOSFET
|
Xian Semipower Electron...
|
2N7085 |
N-Channel Enhanced Mode MOS Transistor(V(br)dss00V,Id0A,Rds(on).075ΩN沟道增强型MOS晶体管(Vdss00V,Id0A,Rds(on).075Ω N-CHANNEL ENHANCEMENT MODE TRANSISTOR
|
Semelab(Magnatec) SEME-LAB[Seme LAB]
|
STGP7NB60FD STGB7NB60FD STGB7NB60FDT4 |
N-CHANNEL 7A 600V TO-220/D2PAK POWERMESH IGBT N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT N沟道A - 600V 220 / D2PAK封装PowerMESHIGBT (STGP7NB60FD / STGB7NB60FD) N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT 14 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
STP4NB30 STP4NB30FP |
N-CHANNEL 300V 1.8 OHM 4A TO-220/TO-220FP POWERMESH MOSFET N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh?/a> MOSFET N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh MOSFET N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh⑩ MOSFET N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMeshMOSFET N沟道300V - 1.8ohm -A - TO-220/TO-220FP PowerMesh⑩MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
AP9974AGP |
68 A, 60 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB ROHS COMPLIANT, TO-220, 3 PIN N-CHANNEL ENHANCEMENT MODE POWER MOSFET
|
Advanced Power Electronics, Corp. Advanced Power Electron...
|
PTFA082201E09 PTFA082201F |
Thermally-Enhanced High Power RF LDMOS FETs 220 W, 869 ??894 MHz Thermally-Enhanced High Power RF LDMOS FETs 220 W, 869 ?894 MHz
|
Infineon Technologies AG
|
STP36NE06FP STP36NE06 5994 |
N-Channel 60V-0.032Ω-36A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.032Ω- 36A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.032 - 36A - TO-220/TO-220FP STripFETTM POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STB8NC50-1 STP8NC50FP STP8NC50 STB8NC50 |
N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N - CHANNEL POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET N沟道500V - 0.7ohm - 8A条TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
STP60NE03L-12 6077 |
N-CHANNEL Power MOSFET N - CHANNEL 30V - 0.009 ohm - 60A - T0-220 STripFET POWER MOSFET -通道30V 0.009欧姆-0A T0 220 STripFET功率MOSFET From old datasheet system N - CHANNEL 30V - 0.009 - 60A - T0-220 STripFET TM POWER MOSFET N - CHANNEL 30V - 0.009 Ohms - 60A - T0-220 STripFET POWER MOSFET
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|