PART |
Description |
Maker |
RG401-U |
RG401 Coax Cable with Copper
|
Pasternack Enterprises,...
|
PE-SR402-75-STRAIGHT |
75 Ohm 141 Semi-rigid Coax Cable with Copper
|
Pasternack Enterprises, Inc.
|
RG405-U |
086 Semi-rigid Coax Cable with Copper Outer Conductor
|
Pasternack Enterprises,...
|
P500-010 |
VGA Coax Monitor Extension Cable, High Resolution cable with RGB coax (HD15 M/F)
|
Tripp Lite. All Rights Reserved
|
PE-SR405FL |
Formable 086 Semi-rigid Coax Cable with Tinned Copper Braid Outer Conductor
|
Pasternack Enterprises,...
|
UPD23C128000BLGY-MKH UPD23C128000BLGY-MJH UPD23C12 |
128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE) D-Sub Molded Cable Assembly; Connector Type A:DB37 Male; Connector Type B:DB37 Male; Cable Length:25ft; Color:Chrome; Contact Material:Copper; Leaded Process Compatible:No; No. Strands x Strand Size:7 x 32; No. of Contacts:37 RoHS Compliant: Yes CABLE, 1 RG59 COAX/2, MULTI, 152.4M; Cores, No. of:5; Material, secondary insulation:PO; Length, Reel (Imperial):500ft; Cable type:CCTV Control Banana Peel; Complex cable make-up:CCTV, Audio or Power or Pan and Tilt; Diameter, RoHS Compliant: Yes
|
NEC Corp.
|
TZMB10 TZMB11 TZMB12 TZMB13 TZMB15 TZMB16 TZMB18 T |
RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Body Style:Straight Plug; RG Cable Type:59 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Body Style:Right Angle Plug; RG Cable Type:55, 58, 141, 142, 223, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Body Style:Straight Jack; RG Cable Type:59, 62, 71, 140, 210 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:MHV; Contact Termination:Clamp; Body Style:Straight Plug; RG Cable Type:59, 62, 71, 140, 210 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Body Style:Straight Plug; RG Cable Type:58, 141, 142, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Solder; Body Style:Straight Bulkhead Jack; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:MHV; Contact Termination:Clamp; Body Style:Right Angle Plug; RG Cable Type:59, 62, 71, 140, 210 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Body Style:Straight Plug; RG Cable Type:59, 62, 71, 140, 210, 302 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Solder; Body Style:Straight Flanged Jack; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes From old datasheet system Silicon Epitaxial Planar Z-Diodes
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
UPD161401P |
CABLE ASSEMBLY; N MALE TO TNC MALE; 50 OHM, RG214/U COAX, DOUBLE SHIELDED; 12" CABLE LENGTH 256色,1/80-DUTY LCD控制驱动器,片内RAM
|
NEC, Corp.
|
1674ATIN100 |
Coax - 50 Ohm Microwave Cable
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
PE315-36 |
3.5mm Male to 3.5mm Male Test Cable 36 Inch Length Using VNA Cable Coax, RoHS
|
Pasternack Enterprises, Inc.
|
MAX312 MAX312CUE MAX312ESE MAX312CSE MAX314MJE MAX |
CLAMP 10 / Quad / SPST / CMOS Analog Switches 10 Quad SPST CMOS Analog Switches 10, Quad, SPST, CMOS Analog Switches 10? Quad, SPST, CMOS Analog Switches 8 PORT MODEM SHARING DEVICE SC CABLE, COAX, 9248, PER M; Impedance:75R; Conductor make-up:1/1.02mm; Diameter, External:6.86mm; Material, conductor:Copper; Material, primary insulation:Polyethylene; Coaxial cable type:RG6A/U; Alpha type number:9804C EQUIVALENT; RoHS Compliant: Yes 10з, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 10蟹, Quad, SPST, CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
|