PART |
Description |
Maker |
ACE740E |
4A, 18V High Efficiency Synchronous Step-Down Converter
|
ACE Technology Co., LTD...
|
MCP16323T-330E |
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
|
Microchip Technology
|
GLDW34V03 GLDW34V03PSR-003-123 GLDW34V03PER-001-12 |
High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
|
GALAXY[Galaxy Power, Inc.]
|
V53C104FK70 V53C104FK80 V53C104FK60L V53C104FK70L |
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM IC TRANS ARRAY 60V 500MA DIP16 IC COMPARATOR DUAL 18V SIP8 IC COMPARATOR DUAL 18V DIP8 IC REGULATOR 10V 1A TO220FP
|
Mosel Vitelic, Corp.
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AP65111AWU-7 |
LIGHT LOAD IMPROVED 1.5A SYNCH DC/DC BUCK CONVERTER
|
Diodes Incorporated
|
AP65500 |
LIGHT LOAD IMPROVED 5A SYNCH DC/DC BUCK CONVERTER
|
Diodes
|
AP65200 |
LIGHT LOAD IMPROVED 2A SYNCH DC/DC BUCK CONVERTER
|
Diodes
|
2SC5661 2SC4725 2SC3837K 2SC4082 |
High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)
|
ROHM[Rohm]
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|