PART |
Description |
Maker |
M80-8281006 M80-8281022 M80-8281042 M80-8281045 M8 |
DATAMATE DIL VERTICAL SMT PLUG ASSEMBLY - LATCHED Datamate L-Tek DIL Male Vertical SMT Connector, latched, selective gold tin/lead, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin/lead, 13 13-way 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, latched, tin, 8 8-way
|
Harwin Plc HARWIN INC
|
M80-5D11005B1 |
DATAMATE J-TEK DIL MALE CRIMP ASSY
|
Harwin Plc
|
M80-5L10542MD |
DATAMATE MIX-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY
|
Harwin Plc
|
M80-5T10422MC M80-5T15022MC M80-5T10442MC M80-5T15 |
DATAMATE J-TEK DIL VERT 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
|
Harwin Plc
|
M80-8151205 |
Datamate L-Tek DIL Male Vertical 3mm PC Tail Connector, friction latched, gold, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5310642 |
Datamate J-Tek DIL Male Horizontal 4.5mm PC Tail Connector, selective gold tin, with jackscrews, 3 3-way 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5212042 |
Datamate J-Tek DIL Male Vertical 4.5mm PC Tail Connector, selective gold tin, no jackscrews, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5504822 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, no jackscrews, 24 24-way 48 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-8263442 |
Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, selective gold tin, 17 17-way 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
M80-5024022 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews, 20 20-way 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
M80-5132022 M80-5131222 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 6 6-way 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
SR3.3TC SR3.3TG |
RailClamp Low Capacitance TVS Diode Array Datamate Trio-Tek DIL Female Housing, with Hex Slotted jackscrews, 5 5-way
|
SEMTECH[Semtech Corporation] Semtechoration
|
|