PART |
Description |
Maker |
MTN2N70I3 |
N-Channel Enhancement Mode Power MOSF
|
Cystech Electonics Corp.
|
FQU5N40 FQD5N40 FQD5N40TF FQD5N40TM |
400V N-Channel QFET 400V N-Channel MOSFET 400V N-Channel MOSFET(漏源电压00V、漏电流.4A的N沟道增强型MOS场效应管) 3.4 A, 400 V, 1.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
JANTXV2N7221 JANTX2N7221 IRFM340 IRFM340-15 |
Simple Drive Requirements 400V. N-CHANNEL HEXFET MOSFETTECHNOLOGY POWER MOSFET 400V Single N-Channel Hi-Rel MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
IRF340 IRF340-15 |
Repetitive Avalanche Ratings TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)0.55ohm, Id=10A) HEXFET?TRANSISTORS 400V, N-CHANNEL 400V Single N-Channel Hi-Rel MOSFET in a TO-204AA package
|
IRF[International Rectifier]
|
APT4016BN APT4018BN |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS POWER MOS IV 400V 31.0A 0.16 Ohm / 400V 29.0A 0.18 Ohm
|
http:// Advanced Power Technology
|
STW16NA40 STW16NA40FI STH16NA40 STH16NA40FI W16NA4 |
N-Channel 400V-0.21Ω-16A - TO-247/ISOWATT218 Power MOS Transistors(N沟道功率MOS晶体 N沟道400V -0.21Ω- 16A TO-247/ISOWATT218功率MOS晶体管(不适用马鞍山沟道功率晶体管 N - CHANNEL 400V - 0.21W - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS From old datasheet system N - CHANNEL 400V - 0.21ohm - 16A - TO-247/ISOWATT218 POWER MOS TRANSISTORS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
IRFI740GLC IRFI740GLCPBF |
Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=5.7A) Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A) HEXFET? Power MOSFET 400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRF360 IRF360-15 |
Repetitive Avalanche Ratings TRANSISTORS N-CHANNEL(Vdss=400V/ Rds(on)=0.20ohm/ Id=25A) TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.20ohm, Id=25A) 400V Single N-Channel Hi-Rel MOSFET in a TO-204AE package
|
IRF[International Rectifier]
|
IRFW740 IRFW740B IRFI740B IRFW740BTM IRFW740BTMNL |
400V N-Channel B-FET / Substitute of IRFW740A 400V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQP6N40C FQPF6N40C |
400V N-Channel Advance Q-FET C-Series 400V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQAF20N40 |
TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 14A I(D) | TO-247VAR 晶体管| MOSFET的| N沟道| 400V五(巴西)直|4A条(丁)|47VAR 400V N-Channel MOSFET
|
Fairchild Semiconductor, Corp.
|