PART |
Description |
Maker |
CY7C1339A CY7C1339A-100AC CY7C1339A-66AC |
Fast access times: 4.8, 5, 6, and 7ns
|
Cypress
|
UX-FOB |
High Voltage Power Diodes provide fast recovery times
|
getedz electronics
|
XBEE-PROXSC |
Digi’s latest XBee-PRO XSC module features two times the throughput and 20 times less current draw than the previous XSC module, making it ideal for long-range sensor applications.
|
List of Unclassifed Manufacturers
|
PYA28C64-25LMB PYA28C64-20LM |
Access Times of 150, 200, 250 and 350ns Fast Byte Write (200us or 1 ms) Access Times of 150, 200, 250 and 350ns Fast Byte Write (200us or 1 ms)
|
Pyramid Semiconductor C...
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
BM92A14MWV-Z |
USB Type-C Power Delivery Controller
|
Rohm
|
BM92T10MWV BM92T10MWV-E2 |
Type-C USB Power Delivery Controller
|
ROHM
|
IX2701 |
Document Delivery Printing Copying Scanning
|
imagistics
|
TC9400F TC9400N |
SUMM-DELTA MODULATION SYSTEM DA CONVERTER WITH A BUILT-IN 8-TIMES OVER SAMPLING DIGITAL FILTER/DIGITAL ATTENUATOR SIGMA-DELTA MODULATION SYSTEM DA CONVERTER WITH A BUILT-IN 8-TIMES OVER SAMPLING DIGITAL FILTER / DIGITALATTENUATOR
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
1205-30-9 |
FOR USE WITH TIMES M-5886 CABLE
|
Winchester Electronics ...
|
AN8847 AN8847SB |
Head amplifier IC for CD-ROM drive for 32 times speed or more
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|