PART |
Description |
Maker |
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
MT4LC8M8B6DJ-5S MT4LC8M8B6TG-5S MT4LC8M8E1TG-5S MT |
RF Coaxial Connector Adapter; Convert From:F Plug; Convert To:BNC Jack RoHS Compliant: Yes 内存 RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:SMA Jack RoHS Compliant: Yes 内存 DRAM 内存 PLUG, LOW PROFILE 3 POLE
|
Micron Technology, Inc.
|
P8SG-247R2EH30 P8SG-0505EH30 P8SG-1205EH30 P8SG-12 |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2ZH52 P8SG-0505ZH52 P8SG-053R6ZH52 P8SG-1 |
Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated dual output 5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 5.2千伏隔震1.5糯稳压双输出DIP24 Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXZM P8SG-0505ZM P8SG-053R6ZM P8SG-1205ZM P |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6DG-244R8E P6DG-0503E P6DG-0505E P6DG-0509E P6DG- |
1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔瓦稳压单输出DIP14 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔1瓦稳压单输出DIP14
|
PEAK[PEAK electronics GmbH]
|
1269 |
BNC Coaxial Connector; Convert From:BNC Jack; Convert To:Dual Banana Plug; Body Material:Brass; Contact Material:Beryllium Copper; Contact Plating:Gold; Voltage Rating:500V INTERCONNECTION DEVICE
|
Pomona Electronics
|
MDCM28P280M320A50 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3414X50M06A8YZZ |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M17C2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M26C2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|