PART |
Description |
Maker |
ATA6832-08 |
High Temperature Triple Half-bridge Driver with SPI and PWM
|
ATMEL Corporation
|
ATA683209 ATA6832-PIQW |
High Temperature Triple Half-bridge Driver with SPI and PWM
|
ATMEL Corporation
|
AM2168-35DC AM2168-35PC AM2168-35LC AM2169-70/BRA |
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C Single Cell High Current Micropower 600kHz Boost DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators Single Cell Micropower 600kHz PWM DC/DC Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 x4 SRAM x4的SRAM Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
API Delevan
|
MM908E621 MM908E621ACDWB_R2 |
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
|
FREESCALE[Freescale Semiconductor, Inc]
|
FODM8801B FODM8801A FODM8801AR2 FODM8801C FODM8801 |
FODM8801A, FODM8801B, FODM8801C OptoHiT Series, High-Temperature Phototransistor Optocoupler in Half-Pitch Mini-Flat 4-Pin Package
|
Fairchild Semiconductor
|
ADM2491EBRWZ ADM2491EBRWZ-REEL7 |
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver; No of Pins: 16; Temperature Range: Industrial High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
|
ANALOG DEVICES INC
|
ISL89400ABZ ISL89401ABZ ISL89401AR3Z-T |
100V, 1.25A Peak, High Frequency Half-Bridge Drivers 100V, 1.25A Peak, High Frequency Half-Bridge Drivers; Temperature Range: Full-Range Ind; Package: 9-DFN T&R
|
Intersil Corporation
|
LTC4443EDD-1-PBF LTC4443EDD-1-TRPBF LTC4443 LTC444 |
High Speed Synchronous N-Channel MOSFET Drivers; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C 2.4 A HALF BRDG BASED MOSFET DRIVER, PDSO12 High Speed Synchronous N-Channel MOSFET Drivers; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C 2.4 A HALF BRDG BASED MOSFET DRIVER, PDSO12
|
Linear Technology, Corp.
|
AD8185ARUZ-REEL7 |
310 MHz, 25 mA, Triple 2:1, Buffered (Gain = 2) Multiplexer; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial TRIPLE 2-CHANNEL, VIDEO MULTIPLEXER, PDSO24 380 MHz, 25 mA, Triple 2:1 Multiplexers
|
Analog Devices, Inc.
|
VKP60LT512C VKP60LT515C VKP60LT312C VKP60LT315C VK |
60 Watt Triple Output Half Brick DC/DC Converter
|
Murata Power Solutions Inc.
|
EB03 EBO3 |
TRIPLE INDEPENDENT LOGIC INTERFACED HALF BRIDGES
|
List of Unclassifed Man... Apex Microtechnology Corporation ETC[ETC] Electronic Theatre Controls, Inc.
|