PART |
Description |
Maker |
70246-3402 70246-2602 70246-2002 70246-0802 70246- |
2.54mm CGrid Hdr Shrd /Slt .76AuLF 34Ckt 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 26PIN(2X13) 2.54MM T/H 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 20Ckt RoHS Compliant: Yes 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd W/Slt 0.5AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CON/ 34MP HRS SO T S00 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm 26ckt Hdr Shrd /Slt .38AuLF void1 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .13AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. SIEMENS AG
|
M80-5S2120500-02-313-01-333 |
Datamate 2-Row Mix-Tek Male Horizontal Connector, No jackscrews, 12 x SMT signal contacts, 2 x 3mm PC Tail Coax contact, 1 x 3.5mm PC Tail Power contact 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER AND SMT
|
Harwin PLC
|
DBCIDCC5S06AG1 DBCIDCC5S06AS1 DBCIDCC5S24AS1 DBCID |
IDC BOX HEADER SMT 2.00mm
|
Dubilier
|
RDP46-005-005FF RDP46-005-005FL RDP46-010-005FF RD |
180隆? SMT Male Female Header 180掳 SMT Male Female Header
|
Yamaichi Electronics Co., Ltd.
|
34-10181008 |
HD BNC BHD JACK EDGE MOUNT FOR 0.062 THICK BOARD
|
Amphenol Corporation
|
C34-5023 |
50OHM HD BNC BHD JACK PCB THRU HOLE RECEPTACLE 4 LEGS
|
Amphenol Corporation
|
2420 |
Size B Aluminum Box With Cover BNC Female To Type N Male
|
Pomona Electronics
|
0190040009 |
InsulKrimp?Fully Insulated Coupler, Male, for 10-12 AWG Wire, Box
|
Molex Electronics Ltd.
|
M80-5024022 |
Datamate J-Tek DIL Male Vertical SMT Connector, selective gold tin/lead, with jackscrews, 20 20-way 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
0919051010 SD-91905-002 |
2.54mm (.100) Pitch Junction Box MOST, Vertical, 42 Circuits, Tin, 10A Fuse
|
Molex Electronics Ltd.
|
|