PART |
Description |
Maker |
75C-049-XX-14 |
BI-DIRECTIONAL RESISTIVE COUPLER
|
JFW Industries, Inc.
|
50C-051-XX-13 |
BI-DIRECTIONAL RESISTIVE COUPLER
|
JFW Industries, Inc.
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
ZFRSC-2075 |
Power Splitter/Combiner 2 Way-0 Resistive 75Ω DC to 2000 MHz Power Splitter/Combiner 2 Way-0 Resistive 75楼? DC to 2000 MHz
|
Mini-Circuits
|
4CR1750 4CK1750 4CK1950 2CK1900 4CL1450 |
1700 MHz - 1800 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1900 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1850 MHz - 1950 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1400 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER
|
PANASONIC CORP
|
50PD-016 |
2 WAY RESISTIVE POWER DIVIDER
|
JFW Industries, Inc.
|
50PD-292 |
3 WAY RESISTIVE POWER DIVIDER
|
JFW Industries, Inc.
|
50PD-001 |
2 WAY RESISTIVE POWER DIVIDER
|
JFW Industries, Inc.
|
50PD-028 |
5 WAY RESISTIVE POWER DIVIDER
|
JFW Industries, Inc.
|
1G0617-20 |
4000 MHz - 8000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX Directional Couplers
|
ANAREN INC Anaren Microwave
|
UU4793G-S08-T UU4793G-S08-R UU4793L-S08-R UU4793L- |
OVERLOAD MONITORING WITH RESISTIVE LOAD, VT = 44.5 mV
|
Unisonic Technologies
|
PDR06120 |
DC-40 GHz Wirebond Resistive Divider
|
Knowles Electronics
|