PART |
Description |
Maker |
2SC3443 |
High hFE=150 to 800. High collector current (Ic=2A). High collector dissipation Pc=500mW.
|
TY Semiconductor Co., Ltd
|
PC895 PC875 PC865 |
From old datasheet system High Sensitivity, Low Collector Dark Current, High Collector-emitter Voltage Type Photocoupler
|
SHARP[Sharp Electrionic Components]
|
2SB1643 |
High collector to emitter VCEO. High collector power dissipation PC.
|
TY Semiconductor Co., Ltd
|
2PB709AW 2PB709AQW 2PB709ASW 2PB709ARW |
High collector current (max. 100 mA). Low collector-emitter saturation voltage (max. 500 mV).
|
TY Semiconductor Co., Ltd
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
BC847PN Q62702-C2374 BC847PNQ62702C2374 Q62702-C15 |
PNP Silicon AF Transistors (For general AF applications High collector current High current gain) TRANSISTOR SOT363 NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BSP50BSP52 BSP51 Q62702-P1165 BSP50 BSP50BBSP52 BS |
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage) From old datasheet system RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 10 Watts
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|
2SB1537 |
Low collector to emitter saturation voltage VCE(sat). Large collector power dissipation PC.
|
TY Semiconductor Co., Ltd
|
2SD2211 |
High breakdown voltage Low collector output capacitance High transition frequency
|
TY Semiconductor Co., L...
|
PS2533L-1-F3 PS2533L-1-V-F3 PS2533-1 PS2533-1-V |
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
|
Renesas Electronics Corporation
|
KSB1151 KSB1151YS KSB1151YSTSSTU KSB1151YSTSTU KSB |
Low Collector-Emitter Saturation Voltage Large Collector Current PNP Epitaxial Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
FZT591A |
Power Collector dissipation: PC=2W, Continuous Collector Current: IC=-1A
|
TY Semiconductor Co., Ltd
|