PART |
Description |
Maker |
AA60A-036L-050D033H AA60A-036L-050D033H-6 AA60A-03 |
1-OUTPUT 60 W DC-DC REG PWR SUPPLY MODULE This specification covers the requirement for a wide input voltage range (18V to 60V) half brick - baseplate design,
|
Astec America, Inc
|
2SB1141 2SD1681 2SD1681Q 2SD1681R 2SB1141T |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 18V/1.2A Switching Applications 18V/1.2A开关应 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 1.2A I(C) | TO-126 Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 晶体管|晶体管|叩| 18V的五(巴西)总裁| 1.2AI(丙)|26
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device] Avago Technologies, Ltd.
|
2N3907 AD821 2N6092 2N6090 2N6443 2N6444 2N6446 2N |
ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
K4H510738E-TC/LAA K4H510738E-TC/LB0 K4H510738E-TC/ |
Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-MSOP-PowerPAD -40 to 125 堆叠12Mb电子芯片DDR SDRAM内存规格(x4/x8 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 Stacked 512Mb E-die DDR SDRAM Specification (x4/x8)
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
HDF1205S HDF2415D HDF2412D HDF2412S HDF1215S HDF24 |
NTE Silicon General Purpose Amplifier, Type: NPN Thermal Fuse; Current Rating:15A; Opening Temperature:240 C; Fuse Terminals:Axial Lead; Voltage Rating:277V; Fuse Size/Group:3.22 "; Voltage Rating:277V RoHS Compliant: Yes 3瓦特HD系列 3 Watt HD Series 3瓦特HD系列 Waveform Generator; IC Function:Waveform Generator IC; Package/Case:14-DIP; Supply Current:15mA; Supply Voltage:36V; Supply Voltage Max:30V; Supply Voltage Min:10V; Frequency Max:200kHz Audio Power Amplifier IC; Output Power, Po:325mW; Load Impedance Min:8ohm; Supply Voltage Max:12V; Supply Voltage Min:4V; Package/Case:8-DIP; Amplifier Type:; Bias Current:250nA; Number of Amplifiers:1; Offset Voltage:50kV IC-QUAD COMPARATOR Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Bandwidth Max:4MHz; Slew Rate:13V/us; Package/Case:8-DIP; Dual Supply Voltage Max ( /- V):18V; Mounting Type:Through Hole Operational Amplifier (Op-Amp) IC; No. of Amplifiers:1; Amplifier Type:; Slew Rate:13V/us; Bandwidth Max:4MHz; Bias Current:7nA; Dual Supply Voltage Max ( V):18V; Gain:4dB; Offset Voltage:13mV; Package/Case:8-DIP RoHS Compliant: Yes IC-QUAD JFET INPUT OP AMP
|
Shindengen Electric Manufacturing Co., Ltd. Shindengen Electric Manufacturing Company, Ltd. Shindengen Electric Mfg. Co., Ltd.
|
AD7118 AD7118TQ2 AD7118CQ AD7118TQ AD7118UQ |
17V; 450mW; LOGDAC CMOS logarithmic D/A converter. For digitally controlled AGC systems, audio attenuators, wide dynamic range A/D converters, sonar systems, function generators LOGDAC CMOS Logarithmic D/A Converter PARALLEL, WORD INPUT LOADING, 6-BIT DAC, CDIP16 LOGDAC CMOS Logarithmic D/A Converter LOGDAC的CMOS对数D / A转换 ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0
|
Analog Devices, Inc.
|
K4H511638C-UC K4H511638C-UCA2 K4H511638C-UCB0 K4H5 |
8-Bit, 20 kSPS ADC Serial Out, uProcessor Periph./Standalone, Rem. Op w/Ser. Data Link, Mux option 14-SOIC 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-PDIP -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 512Mb C-die DDR SDRAM Specification 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-PDIP 荤的512Mb芯片DDR SDRAM内存规格
|
http:// Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
IDT74LVCC4245 IDT74LVCC4245APG IDT74LVCC4245APY ID |
CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, 3.3V AND 5V I/O LVC/LCX/Z SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO24 3.3V CMOS OCTAL DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE OUTPUT VOLTAGE, 3-STATE OUTPUTS, AND 5V TOLERANT I/O 3.3V CMOS Octal Dual-Supply Bus Transceiver with Configurable Output Voltage, 3-State Outputs, and 5.0V Tolerant I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MAX5394MEVKIT |
1.7V to 5.5V Wide Input Supply Range
|
Maxim Integrated Products
|
MAX4122 MAX4122EUK MAX4123 MAX4123C_D MAX4123ESA M |
Quad, wide-bandwidth, low-power, single-supply Rail-to-Rail I/O op amp. BW 5MHz. MAX4122, MAX4123, MAX4124, MAX4125, MAX4126, MAX4127, MAX4128, MAX4129 Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-supply Rail-to-rail I/o op Amps "?Dual, 5MHz Bandwidth, Low-Power, Rail-to-Rail I/O Op Amp W/ Shutdown" Single/Dual/Quad, Wide-Bandwidth, Low-Power,Single-Supply Rail-to-Rail I/O Op Amps "Dual, 25MHz Bandwidth, Low-Power, Rail-to-Rail I/O Op Amp" "Dual, 5MHz Bandwidth, Low-Power, Rail-to-Rail I/O Op Amp" "?Single, 5MHz Bandwidth, Low-Power, Rail-to-Rail I/O Op Amp W/ Shutdown" Single/Dual/Quad / Wide-Bandwidth / Low-Power / Single-Supply Rail-to-Rail I/O Op Amps
|
MAXIM INTEGRATED PRODUCTS INC http:// MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
AMA2803R3S AMA2805S AMA2812S AMA2815S |
Hi-Rel DC-DC Rad-Tolerant Single Converter in a AMA package RADIATION TOLERANT DC/DC CONVERTERS
|
International Rectifier
|
NJM2580 NJM2580D NJM2580M |
SINGLE SUPPLY WIDE BAND 3ch VIDEO AMPLIFIER
|
NJRC[New Japan Radio]
|