PART |
Description |
Maker |
VPM240-670 |
TOROIDAL MEDICAL SERIES
|
TRIAD MAGNETICS
|
VPM240-31200 |
TOROIDAL MEDICAL SERIES
|
TRIAD MAGNETICS
|
VPM240-20800 |
TOROIDAL MEDICAL SERIES
|
TRIAD MAGNETICS
|
VPM240-15600 |
TOROIDAL MEDICAL SERIES
|
TRIAD MAGNETICS
|
VPM24-2080 |
POWER TRANSFORMER CHASSIS MOUNT : TOROIDAL MEDICAL SERIES
|
TRIAD MAGNETICS
|
2000-6R8-H-RC 2000-3R3-V-RC 2000-1R2-V-RC 2000-5R6 |
Toroidal Inductor; Series:2000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:7.2A; Leaded Process Compatible:Yes; Resistance:13mohm 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1.2 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2000; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:9.7A; Leaded Process Compatible:Yes; Resistance:6.9mohm 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR Low radiation High operation frequency Toroidal Inductor; Series:2000; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:2.2A; Leaded Process Compatible:Yes; Resistance:1.7mohm 1 ELEMENT, 0.5 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
2317-H-RC 2318-H-RC 2315-H-RC 2301-H-RC 2307-V-RC |
Toroidal Inductor; Series:2300; Inductance:270uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.5A; DC Resistance Max:0.060ohm; Leaded Process Compatible:Yes 1 ELEMENT, 270 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:5.2A; DC Resistance Max:0.067ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.8A; DC Resistance Max:0.078ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:10uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:20A; DC Resistance Max:0.005ohm; Leaded Process Compatible:Yes 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2300; Inductance:33uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:11.7A; DC Resistance Max:0.013ohm; Leaded Process Compatible:Yes 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
VPT24-1040 |
TOROIDAL WORLD SERIES
|
TRIAD MAGNETICS
|
VPT18-8800 |
TOROIDAL WORLD SERIES
|
TRIAD MAGNETICS
|
VPT12-13300 |
TOROIDAL WORLD SERIES
|
TRIAD MAGNETICS
|
MW136RA240301 MW136RA180301 MW136RA150301 MW136RA1 |
MEDICAL 60 WATT SERIES
|
SL Power Electronics
|
MW125XA030301 MW125XA050301 MW125XA070301 MW125XA0 |
MEDICAL 15-40 WATT SERIES
|
SL Power Electronics
|
|