PART |
Description |
Maker |
TXM24S-3AG |
IP65 Rated NEMA 24 Integrated StepSERVO?Motor
|
List of Unclassifed Man...
|
HW23-601 |
IP65 Rated, NEMA 23 High Torque Step Motor
|
List of Unclassifed Man...
|
RZA-RT RZA-GN |
DIGITAL DISPLAY ROT IP65 DIGITAL DISPLAY GRUEN IP65 数字显示格林等级IP65
|
Honeywell International, Inc.
|
TSM17Q-2RG |
NEMA 17 Integrated StepSERVO?Motor w/ Q Programming & Modbus/RTU
|
List of Unclassifed Man...
|
TSM17Q-2AG |
NEMA 17 Integrated StepSERVO?Motor w/ Q Programming & Modbus/RTU
|
List of Unclassifed Man...
|
UL620-15 |
Waber-by-Tripp Lite Power Strip with 6 NEMA 5-15/20R Outlets and 15-ft. Cord with NEMA 5-20P Plug
|
List of Unclassifed Man...
|
B82500-C-A10 B82500-C-A2 B82500-C-A8 B82500-C-A5 |
VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
|
EPCOS AG
|
B84113-C-L60 B84113-C-A110 B84113-C-A30 B84113-C-A |
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
|
EPCOS[EPCOS]
|
B821411102K000 B821411103K000 B821411104J000 B8214 |
SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000
|
EPCOS[EPCOS]
|
B82432-T |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 60 to 1300 mA
|
EPCOS[EPCOS]
|