PART |
Description |
Maker |
SA12A-T SA20CA-T SA10CA-T SA15CA-T SA7V0CA |
TVS UNI-DIR 12V 500W DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 20V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 10V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS BI-DIR 15V 500W DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 500W TRANSIENT VOLTAGE SUPPRESSOR
|
Diodes, Inc. Diodes Incorporated
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
SP6652ER SP6652_07 SP6652 SP6652ER_TR SP6652ER-L S |
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator High Efficiency Synchronous Step-Down Converter
|
SIPEX[Sipex Corporation]
|
IRF200 IRF200S100RJ IRF500 IRF500C10RJ IRF400 IRF3 |
50W to 500W HIGH POWER WIRE WOUND RESISTORS FLAT SHAPED ALUMINUM HOUSED
|
ETC
|
RC-720 RC-720B RC-720BA |
19 2U High, Full-size Rackmount Chassis with MainBoard, 250W ATX P/S
|
BOSER Technology Co., Ltd
|
OPC-9315-Q BPC-9315-Q |
15 High Brightness Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
|
BOSER Technology Co., Ltd BOSER Technology Co., L...
|
OPC-9315-O |
15 High Brightness Panel PC with Touch Screen, Core 2 Duo, 4 COM, 6 USB, 180W ATX P/S
|
BOSER Technology Co., Ltd
|
PAF500F24-28 PAF500F24-12 PAF700F48-12 PAF700F48-2 |
High Power DC-DC Module 500W ~ 700W Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:21-41 RoHS Compliant: No
|
http:// LAMBDA[DENSEI-LAMBDA]
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
RU2M RU2AM RU2AMZ RU2MZ |
(RU2MZ / RU2AMZ) HIGH EFFICIENCY RECTIFIER (RU2M / RU2AM) HIGH EFFICIENCY RECTIFIER
|
Galaxy Semi-Conductor Holdings Limited BILIN
|
PF500A-360 PF1000A PF1000A-360 |
PFHC module 500W, 1000W PFHC module 500W/ 1000W KPT SERIES
|
LAMBDA[DENSEI-LAMBDA]
|