PART |
Description |
Maker |
TC620CVOA TC620 TC621 TC621XEPA TC620XCOA TC620XCP |
5V, dual trip point temperature sensors, low true control output (TC620 / TC621) Dual Trip Point Temperature Sensors The TC620 and TC621 are programmable logic output temperature detectors designed for use in thermal management applications. The TC620 features an on-board temperature sensor, while the TC621 connects to an external NTC thermistor for remo
|
MICROCHIP[Microchip Technology]
|
B59901D0060A040 B59901D0140A040 B59901 B59901D0070 |
Sensors Limit Temperature Sensors, Probe Assemblies
|
EPCOS[EPCOS]
|
KTY81/121 KTY81/150 |
Silicon temperature sensors KTY81-1 series; Silicon temperature sensors
|
Philips
|
KTY81 KTY81_110 KTY81_120 KTY81_121 KTY81_122 KTY8 |
TEMPERATURE SENSOR, PBCY2 KTY81 series Silicon temperature sensors
|
NXP Semiconductors
|
629-75 629-40 629-45 629-6 629-60 629-30 629-35 62 |
±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface Logic IC 5V Programmable, Low-Dropout Voltage Regulator Low-Voltage, 1.8kHz PWM Output Temperature Sensors Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 128°C) Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 1024°C) Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 128°C) 逻辑IC PWM Output Temperature Sensors in SC70 Packages
|
Keystone Electronics, Corp.
|
TBT-1PAGE0253GZ |
TEMPERATURE SENSORS
|
SICK AG
|
THTS-1PAT10756MZ 6047562 |
TEMPERATURE SENSORS
|
SICK AG
|
THTE-1PAT12006MZ |
TEMPERATURE SENSORS
|
SICK AG
|
6047610 |
TEMPERATURE SENSORS
|
SICK AG
|
TBT-1PBN41006PZ |
TEMPERATURE SENSORS
|
SICK AG
|
TCT-1PAGE1006MZ |
TEMPERATURE SENSORS
|
SICK AG
|
TBT-1AAS10503GZ |
TEMPERATURE SENSORS
|
SICK AG
|