PART |
Description |
Maker |
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
74LVQ244 4687 74LVQ244T 74LVQ244M |
LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON-INVERTED From old datasheet system LOW VOLTAGE OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON-INVERTED)
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
UM236 UM234 UM213 UM238M UM241 UM221M UM202 UM203 |
12 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS Synchronous presettable 4-bit counter OCTAL COUNTER WITH 8 DECODED OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED 7 SEGMENT DISPLAY OUTPUTS 4 bit synchronous up/down counters Quad exclusive NOR gate Low cost field programmable microcontroller peripherals DIFFERENTIAL 4 CHANNLE ANALOG MULTIPLEXER DEMULTIPLEXER N-CHANNEL 600V 0.85 Ohm 7A TO-220/TO-220FP POWERMESH II MOSFET Octal bus buffer with 3 state outputs (non inverted) Octal bus buffer with 3 state outputs (not inverted) Octal bus buffer with with 3 state outputs (non inverted) 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface QUAD 2 INPUT AND GATE 5 bit programmable dual-phase controller 5 bit programmable step down controller with synchronous rectification Quad 2 channel multiplexer (inv.) 12 stage binary counter High-voltage high and low side driver
|
|
TC7SPN3125TU |
Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
|
Toshiba Semiconductor
|
NLVLCX125DTR2G MC74LCX12512 |
Low-Voltage CMOS Quad Buffer
|
ON Semiconductor
|
TC74VCXH16244FT TC74VCXH16244FT07 |
Low-Voltage 16-Bit Bus Buffer with Bushold
|
Toshiba Semiconductor
|
TC7WPN3125FC TC7WPN3125FK |
Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
|
Toshiba Semiconductor
|
MC74LCX0805 MC74LCX125DG MC74LCX12505 MC74LCX138DR |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?Tolerant Inputs Dual Low?Voltage CMOS 2?to?4 Decoder/Demultiplexer With 5V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Non?Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs (Inverting)
|
ONSEMI[ON Semiconductor]
|
74LVQ125SJ 74LVQ125 74LVQ125SC |
Low Voltage Quad Buffer with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
TC7MBL6126SFT |
Quad Low Voltage/Low Capacitance Bus Switch
|
Toshiba Semiconductor
|