PART |
Description |
Maker |
T495D226K035ATE125 |
T495, Tantalum, MnO2 Tantalum, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495B106M016ATE650 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, Low ESR, 650 mOhms, Height Max = 2.1mm
|
Kemet Corporation
|
T495D226K035ATE300 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495X476K025ATE150 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 150 mOhms, Height Max = 4.3mm
|
Kemet Corporation
|
T495C476K016ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 2.8mm
|
Kemet Corporation
|
T495X476K035ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, 4.3mm
|
Kemet Corporation
|
T495C476K016ATE350 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Low ESR, 350 mOhms, 2.8mm
|
Kemet Corporation
|
T350C225M035AT7301 |
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 2.2 uF, 20%, 35 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
|
Kemet Corporation
|
T350A224M050AT |
T350, Tantalum, MnO2 Tantalum, Commercial Grade, 0.22 uF, 20%, 50 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
|
Kemet Corporation
|
T356G156K025AT |
T356, Tantalum, MnO2 Tantalum, Commercial Grade, 15 uF, 10%, 25 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing = 5.08mm
|
Kemet Corporation
|
T350A105K025AT |
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 1 uF, 10%, 25 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing =2.54mm
|
Kemet Corporation
|
|