PART |
Description |
Maker |
T495D226K035ATE250-17 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 250 mOhms, 3.1mm
|
Kemet Corporation
|
T495B106K020ATE1K0 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495D226K025ATE200 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495D226M035ATE125 |
Tantalum, MnO2 Tantalum, T495, 22 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 125 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495C476K010ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 2.8mm
|
Kemet Corporation
|
T495D475K050ATE300 |
Tantalum, MnO2 Tantalum, T495, 4.7 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, 3.1mm
|
Kemet Corporation
|
T495X476K035ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 300 mOhms, 4.3mm
|
Kemet Corporation
|
T350A224M050AT |
T350, Tantalum, MnO2 Tantalum, Commercial Grade, 0.22 uF, 20%, 50 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
|
Kemet Corporation
|
T491B685M016AT |
T491, Tantalum, MnO2 Tantalum, 6.8 uF, 20%, 16 V, 3528, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T495X476M035ATE300 T495X226M025ATE225 |
Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
|
Kemet Corporation
|
T495B157004AE900 T495D107004AE800 T495A685004AE2K0 |
Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
|
Kemet Corporation
|
T489D107M010ATE150 |
Tantalum, MnO2 Tantalum, T489, 100 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Low Leakage, 150 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
|