PART |
Description |
Maker |
PV0H2-401SG20 PV0H2-401SG21 PV0H2-4011G21 PV0H2-40 |
pV0 SerieS anti-Vandal Switch
|
E-SWITCH
|
1241.3260 1241.3123 |
SPECIAL SWITCH-PIEZO SWITCH, SPST, MOMENTARY, 0.1A, 60VDC, PANEL MOUNT Vandal Resistant Pushbutton Switch; Actuator Diameter:19mm; Circuitry:SPST-NO; Contact Current Max:2.6A; Mounting Type: PCB; Switch Function:SPST-NO
|
SCHURTER INC
|
M41T80 |
Vandal Resistant Pushbutton Switch; Illumination:Illuminated; Actuator Style:Round; Actuator Diameter:22mm; Circuitry:SPST; Switch Operation:Push to Make; Switch Terminals:Screw; Contact Current Max:50mA
|
意法半导
|
PV8 PV8F2Y0NSG-201 PV8F2T0NSG-201 PV8F2V0NSG-201 P |
Vandal and Vandal Resistant, RATING: 2A 36VDC
|
http:// E-SWITCH
|
1241.2858 |
Vandal Resistant Pushbutton Switch; Actuator Diameter:14mm; Circuitry:SPST-NO; Switch Operation:Momentary; Contact Current Max:125mA; Leaded Process Compatible:Yes; Mounting Type: PCB; Switch Function:SPST-NO; External Width:21.5mm
|
SCHURTER INC
|
SCHURTERINC-1241.6612.1110000 1241.6631.1110000 12 |
Vandal Resistant Pushbutton Switch; Circuitry:SPST-NO SPST-NC; Switch Operation:(On); Contact Current Max:0.1A; Approval Categories:IP 67 Degree of Protection, IK 07 Shock Resistance according To DIN EN 50102
|
SCHURTER INC
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
HGT1S7N60B3DS HGTP7N60B3D HGT1S7N60B3DS9A |
14A/ 600V/ UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode 14 A, 600 V, UFS N-Channel IGBT with Anti-Parallel Hyperfast Diode 14A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 7A I(C) | TO-263AB
|
FAIRCHILD[Fairchild Semiconductor]
|
HGT1N40N60A4 HGT1N40N60A4D |
600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V的,开关电源系列N沟道IGBT的与反平行Hyperfast二极 600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Fairchild Semiconductor, Corp.
|
HGTG12N60C3D FN4043 |
24 A, 600 V, N-CHANNEL IGBT, TO-247 From old datasheet system 24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 24A/ 600V/ UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
INTERSIL[Intersil Corporation]
|
HGT1S7N60A4DS HGTG7N60A4D HGTP7N60A4D |
600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600 V, SMPS N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
FAIRCHILD[Fairchild Semiconductor]
|
HGT1S1N120BNDS HGTP1N120BND HGT1S1N120BNDS9A |
5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(5.3A, 1200V,NPT系列N沟道绝缘栅双极型晶体管(带反并行超快速二极管 5.3 A, 1200 V, N-CHANNEL IGBT, TO-263AB 5.3A/ 1200V/ NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|