PART |
Description |
Maker |
OA180APL-11-1 OA180APL-11-2 OA180APL-11-3 |
AC Fan - 115V, 230V 180 x 65mm (7.1?x 2.6?
|
ORION FANS
|
OA172SAPL-11-1 OA172SAPL-11-2 OA172SAPL-11-3 |
AC Fan - 115V, 230V 172 x 150 x 38mm (6.7”x 5.9”x 1.5?
|
ORION FANS
|
OA80AP-11-3 OA80AP-11/22-2W OA80AP-11/22-3W OA80AP |
AC Fan - 115V, 230V, Dual Voltage 80 x 38mm(3.15?/a> x 1.5? AC Fan - 115V, 230V, Dual Voltage 80 x 38mm(3.15 x 1.5?
|
ORION FANS
|
OA172SAP-11-1TBIP55 OA172SAP-22-1TBIP55 |
AC FAN - 115V , 230V 172x150x51mm (6.7”x 5.9”x 2.0?
|
ORION FANS
|
OA162-5E-115TB |
FAN AC 172X51 115V BALL, 241cfm
|
Orion Fans
|
OA280AN-11-1TB18 |
FAN AC 280X80 115V BALL, 1130cfm
|
Orion Fans
|
M3T-100LCC-80QSB |
Converter from 100-pin 0.65mm-pitch LCC to 80-pin 0.65mm-pitch QFP(for M16C/60 Series)
|
Renesas Electronics Corporation
|
PCA4687A |
Converter for Connecting 100-pin 0.65mm-pitch QFP to 100-pin 0.65mm-pitch LCC
|
Renesas Electronics Corporation
|
TC664 TC664EUN TC665 TC665EUN |
The TC665 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan The TC664 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan SMBus PWM Fan Speed Controllers With Fan Fault Detection SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
CTSPWF-613-S CTSPWF-611-S CTSPWF-603-S CTSPWF-500- |
Power Transformers - Standard E Single 115V
|
http:// Central Technologies
|
EMC6W201-AEZG |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
EMC6D103S-CZC-TR |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|