PART |
Description |
Maker |
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
OA4715 OA4715-23TB OA4715-12TB |
AC Fan - 115V, 230V 120x38mm (4.7”x 1.5?
|
ORION FANS
|
OA200EC |
EC Fan Dual Speed- 115V, 230V
|
ORION FANS
|
OA225-METAL |
AC Fan - 115V, 230V 225 x 80mm (8.86?x 3.15?
|
ORION FANS
|
OA125AP-22-1 OA125AP-22-2 OA125AP-22-3 OA125AP-11- |
AC Fan - 115V, 230V, Dual Voltage 120 x 25mm (4.7 x 1.0?
|
ORION FANS
|
OA109AP-11-1 |
AC Fan - 115V, 230V 120x38mm (4.7”x 1.5?
|
ORION FANS
|
2PS1600R06KE3-4G |
1x 1032A AC at 230V AC, forced air (fan not implemented)
|
Infineon Technologies AG
|
2SA2031 2SC5669 |
NPN Triple Diffused Planar Silicon Transistor 230V / 15A, AF100W Output Applications PNP Epitaxial Planar Silicon Transistor 230V / 15A, AF100W Output Applications 230V / 15A/ AF100W Output Applications
|
SANYO[Sanyo Semicon Device] Formosa MS Sanyo Electric Co.,Ltd.
|
HUF75639S3R4851 FN4854 |
From old datasheet system 56A 115V 0.025 Ohm N-Channel UltraFET Power MOSFET 56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
TC654 TC654EUN TC655 TC655EUN |
The TC655 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li The TC654 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li Dual SMBus PWM Fan Speed Controllers With Fan Fault Detection Dual SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|