PART |
Description |
Maker |
BA000LBSG BA032LBSG BA028LBSG1 BA029LBSG BA000LBSG |
Super-mini package regulator IC Internal output transistor (IO=150mA), Internal temperature protection circuit
|
ROHM[Rohm]
|
MAX6642ATT9E-T MAX6642 MAX6642ATT90-T MAX6642ATT92 |
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm 【1∑C, SMBus-Compatible Remote/Local Temperature Sensor with vertemperature Alarm ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AH173-WL-B-B AH173-WL-B-A AH173-PL-B-A AH173-PL-B- |
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE 内部上拉霍尔效应锁存,高 INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE MAGNETIC FIELD SENSOR-HALL EFFECT, -6-6mT, 400mV, RECTANGULAR, THROUGH HOLE MOUNT INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE MAGNETIC FIELD SENSOR-HALL EFFECT, -1.5-6mT, 0.30-0.40V, RECTANGULAR, THROUGH HOLE MOUNT
|
Diodes, Inc. 磁阻传感 Diodes Inc. DIODES[Diodes Incorporated]
|
SA56004DDP SA56004ADP SA56004BD SA56004FDP SA56004 |
1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms 1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
|
NXP Semiconductors
|
SA56004FTK SA56004AD SA56004ADP SA56004ATK SA56004 |
隆戮1 隆?C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms --1 deg Cel accurate, SMBus-compatible, 8-pin, remote-local digital temperature sensor with overtemperature alarms ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
|
NXP Semiconductors N.V.
|
4076WT-3M579545 AEL6463-30.0 4007 4087WT-8M0 4261 |
CRYSTAL 5.000000MHZ RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS ±15V Zero-Drift Operational Amplifier with Internal Capacitors; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C CRYSTAL 14.318180MHZ Low-Cost, 2.7V to 5.5V Temperature Switches in a SOT23 集成电路 IC 集成电路 40V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1404 with Standard Packaging 集成电路 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 集成电路 CRYSTAL 9.830400MHZ 水晶9.830400MHZ
|
SIEMENS AG YEONHO Electronics Co., Ltd. Jameco Electronics Rubycon, Corp. Serpac Electronic Enclosures
|
MAX6670 |
(MAX6668 / MAX6670) Remote Temperature Switches
|
Maxim Integrated Products
|
DS1821 MAX6625RMTT MAX6642YATT98 MAX6628MTAT MAX66 |
Programmable Digital Thermostat and Thermometer 可编程数字温控器和温度计 9-Bit/12-Bit Temperature Sensors with I<sup>2</sup>C-Compatible Serial Interface in a SOT23 ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5.50Cel, RECTANGULAR, SURFACE MOUNT 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs DIGITAL TEMP SENSOR-SERIAL Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX6660 |
Remote Junction Temperature Controlled Fan Speed Regulator
|
Maxim Integrated
|
MAX6670 MAX6668 MAX6670AUB75 MAX6668AUA40 MAX6668A |
Remote Temperature Switches with Integrated Fan Controller/Driver
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|