PART |
Description |
Maker |
B82422-H1683-K100 B82422-H1102-K100 B82422-H1103-K |
High-current version Size 1210 (EIA) or 3225 (IEC) Rated inductance 1 to 100 mH Rated current 90 to 650 mA
|
EPCOS AG EPCOS[EPCOS]
|
B82442-H1332-K B82442-H1102-K B82442-H1103-K B8244 |
INDUCTOR 2220H 6.8UH 电感2220H 6.8UH High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
|
EPCOS AG EPCOS[EPCOS]
|
B82432-A1152-K B82432-A1182-K B82432-A1472-K B8243 |
Size 1812 (EIA) or 4532 (IEC) Rated inductance 1,0 to 1000 mH Rated current 55 to 600 mA
|
EPCOS
|
KNH10C104DA20TS KNH10C224DA20TS KNH10C474DA20TS |
0402 Size. Rated current up to 2A MAX.
|
Kyocera Kinseki Corpotation
|
BL2450K08051T |
Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).
|
Frontier Electronics.
|
DR331-2-152 DR331-2-105 DR331-2-102 DR331-2-222 DR |
DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1.5µH. Rated Current 2.8 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1000µH. Rated Current 0.07 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 1.0µH. Rated Current 2.9 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 2.2µH. Rated Current 2.4 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. DR331-2 Series Unshielded SMD Inductor; Low Profile Surface Mount Design. Inductance 22µH. Rated Current 0.80 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR, SMD
|
DATATRONIC DISTRIBUTION INC
|
B84110-B-A14 B84110-B |
Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
|
EPCOS[EPCOS]
|
B84110-A-A60 B84110-A B84110-A-A10 B84110-A-A20 B8 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
|
EPCOS[EPCOS]
|
B84103-S1-A60 B84103 B84103-S1-A10 B84103-S1-A30 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
|
EPCOS[EPCOS]
|
DR331-6-333 DR331-6-224 |
DR331-6 Series Unshielded SMD Inductor; Surface Mount Design. Inductance 33µH. Rated Current 2.0 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 11.43mm. 1 ELEMENT, 33 uH, GENERAL PURPOSE INDUCTOR, SMD DR331-6 Series Unshielded SMD Inductor; Surface Mount Design. Inductance 220µH. Rated Current 0.70 Amps. Operating Temp. -40°C to 85°C. Size: 12.95mm x 9.40mm x 11.43mm.
|
Datatronic Distribution, Inc DATATRONIC DISTRIBUTION INC
|
V375B3.3M150A3L V375A3.3M150A3L V375B3.3M150A2L V3 |
DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 150µH. Rated Current 0.26 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. Analog IC 模拟IC
|
Vishay Intertechnology, Inc. Global Mixed-mode Technology, Inc. Vicor, Corp.
|