PART |
Description |
Maker |
HMC675LP3E |
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
|
Hittite Microwave Corporation
|
AS111PCP10_883C AS111PCP10_SPACE AS111PCP10_XT AS1 |
Voltage Comparator COMPARATOR, 3000 uV OFFSET-MAX, MBCY8 METAL CAN, TO-99, 8 PIN COMPARATOR, 3000 uV OFFSET-MAX, CDSO10 CERAMIC, DFP-10 COMPARATOR, 3000 uV OFFSET-MAX, CDFP10 CERAMIC, DFP-10 COMPARATOR, 3000 uV OFFSET-MAX, CDIP8 CERAMIC, DIP-8
|
Austin Semiconductor, Inc
|
AD790BQ AD79002 AD790JRZ-REEL7 AD790AQ AD790KN |
Fast, Precision Comparator; Package: SOIC; No of Pins: 8; Temperature Range: Commercial COMPARATOR, 1500 uV OFFSET-MAX, 45 ns RESPONSE TIME, PDSO8 Fast, Precision Comparator
|
Analog Devices, Inc.
|
MIC6270YM5 MIC627008 MIC6270YM5TR |
IttyBitty Comparator COMPARATOR, 9000 uV OFFSET-MAX, 600 ns RESPONSE TIME, PDSO5
|
Micrel Semiconductor MICREL INC
|
LA6393AM |
For Parallel Comparator Circuits High-Performance Dual Comparator
|
Sanyo Semicon Device
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
NTE922SM NTE922 NTE922M |
COMPARATOR, 10000 uV OFFSET-MAX, 200 ns RESPONSE TIME, PDSO8 Integrated Circuit Voltage Comparator
|
NTE[NTE Electronics]
|
24878-10N 24001-08S 24001-09S 24001-02 |
1 in Diameter, 1 Amp, Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 1A, 28VDC, THROUGH HOLE-STRAIGHT ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 1A, 28VDC, PANEL MOUNT-THREADED Positive Detent Provides Operator Feedback
|
Grayhill, Inc. GRAYHILL INC
|
LM393AM LM393AN LM2903I LM2903IM LM2903IN LM2903M |
Dual Comparator; Package: SOIC; No of Pins: 8; Container: Tape & Reel MB 31C 31#16 SKT PLUG 8-Bit Shift Registers With 3-State Output Registers 16-TSSOP -40 to 85 DUAL COMPARATOR, 9000 uV OFFSET-MAX, 1400 ns RESPONSE TIME, PDIP8 Dual Differential Comparator From old datasheet system
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
|