PART |
Description |
Maker |
EV020-5-S-00B |
85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
|
Monolithic Power System...
|
NP1-6 NP2.8-12 NP12-6 NP7-12 NPL38-12 NP38-12 NP65 |
BLEIAKKU 6V 250G BATTERY 12V 2.8AH BATTERY 6V 12AH BLEIAKKU 12V 2800G BLEIAKKU NPL 12V 14.7KG BLEIAKKU 12V 13800G BLEIAKKU 12V 22700G BLEIAKKU 6V 2200G BLEIAKKU 12V 4000G BLEIAKKU 12V 6.3KG BLEIAKKU 12V 5000G BLEIAKKU 12V 900G BATTERY 6V 7AH BATTERY 12V 2.3AH 蓄电2V 2.3AH BLEIAKKU NPL 12V 24KG BLEIAKKU不良贷款12V4公斤
|
Yuasa Battery, Inc.
|
LTC2413 LTC2413CGN LTC2413IGN |
24-Bit No Latency Delta Sigma with Simultaneous 50Hz/60Hz Rejection ADC, 24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
|
Linear Technology
|
AN5560 |
50Hz and 60Hz Detection IC
|
Panasonic
|
VPC3201C |
Video processor (50Hz/single scan)
|
Micronas
|
P8E5VA-24 P8E5VA-36 P8E5VA-20 P8E5VA-28 P8E5VA-10 |
5VA 50Hz/60Hz LINE TRANSFORMER
|
MPS Industries, Inc.
|
P8E2R4VA-28 P8E2R4VA-20 P8E2R4VA-56 P8E2R4VA-36 P8 |
2.4VA 50Hz/60Hz LINE TRANSFORMER
|
MPS Industries, Inc.
|
EV4034-S-00D |
85VAC~265VAC/50Hz, 10V/350mA Non-Isolation Off-line LED Driver Evaluation Board
|
Monolithic Power System...
|
EV4033-K-00A |
198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
|
Monolithic Power System...
|
HIP6602B |
MOSFET Driver, Quad N-Channel, 12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V
|
Intersil
|
DPZ256S32IW-17C DPZ256S32IW-25C DPZ256S32IW-15C DP |
1M X 8 FLASH 12V PROM MODULE, 170 ns, PSMA64 1M X 8 FLASH 12V PROM MODULE, 250 ns, PSMA64 1M X 8 FLASH 12V PROM MODULE, 150 ns, PSMA64 1M X 8 FLASH 12V PROM MODULE, 120 ns, PSMA64
|
Hitachi,Ltd. Twilight Technology, Inc.
|