PART |
Description |
Maker |
ZFL-500HLN |
Low Noise Amplifi er
|
MINI[Mini-Circuits]
|
MGA-675T6-TR1G MGA-675T6-TR2G MGA-675T6-BLKG |
Low Noise Amplifi er with Shutdown Mode in Low Profi le Package for 4.9 - 6 GHz Application
|
AVAGO TECHNOLOGIES LIMITED
|
LTC6605-14 LTC6605CDJC-14-PBF LTC6605CDJC-14-TRPBF |
Dual Matched 14MHz Filter with Low Noise, Low Distortion Differential Amplifi er
|
Linear Technology
|
LTC6605-10 LTC6605CDJC-10-PBF LTC6605CDJC-10-TRPBF |
Dual Matched 10MHz Filter with Low Noise, Low Distortion Differential Amplifi er
|
Linear Technology
|
LT1994CMS8 LT1994CDD |
Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology
|
LTC6403-1 |
200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology
|
2SK93212 2SK932-22-TB-E 2SK932-23-TB-E 2SK932-24-T |
High-Frequency Low-Noise Amplifi er Applications
|
Sanyo Semicon Device
|
LT6600IS8-15 LT6600IS8-15-PBF LT6600IS8-15-TR LT66 |
Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
|
Linear Technology
|
LT6604CUFF-5-PBF LT6604CUFF-5-TRPBF LT6604IUFF-5-P |
Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
|
Linear Technology
|
LT6402CUD-6-PBF LT6402IUD-6-PBF LT6402IUD-6-TR LT6 |
300MHz Low Distortion, Low Noise Differential Amplifier 300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
|
Linear Technology
|
BFP520 Q62702-F1794 Q62702-F1491 |
NPN Silicon RF Transistor )For low noise, high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA) NPN Silicon RF Transistor (For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
RF2364_06 RF2364 RF2364PCBA |
3V PCS LOW NOISE AMPLIFIER
|
RFMD[RF Micro Devices]
|