PART |
Description |
Maker |
ESX10-S117-DC24V-2A |
Selective load protection, electronic trip curve
|
ETAL Group
|
AN574 |
App Note 101: Using the Secure Microcontroller Watchdog Timer
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
STV9302 STV9302A |
VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR
|
STMICROELECTRONICS[STMicroelectronics]
|
UDA1331H |
Universal Serial Bus USB Audio Playback Peripheral APP
|
NXP Semiconductors
|
ISL6334AIRZR5368 ISL6334ACRZR5368 ISL6334AR5368 |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
S3P72H8 |
The S3C72H8 single-chip CMOS microcontroller has been designed for very high performance using Samsungs state-of-the-art 4-bit product development app
|
http://
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
AQV414SX |
PhotoMOS relay, GU (general use) type [1-channel (form B) type]. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Picked from the 1/2/3-pin side
|
Matsushita Electric Works(Nais)
|
CL-155 CL-170 CL-150 CL-195 CL-201 CL-501 CL-165 C |
MASKING TAPE 96MM X 55M (BULK) 小芯用于各种电子产品的使用LED 2mm Pin Strip Headers 60P STRT SOLDER TAIL 小芯用于各种电子产品的使用LED ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS 小芯用于各种电子产品的使用LED SCOTCH-WELD EPOXY ADHESIVE GREEN B/A, 2 OZ KIT ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS 超小型芯片LED用于各种电子产品的使 ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
|
List of Unclassifed Manufac... ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. List of Unclassifed Man...
|
NCP45520 |
NCP45520 & NCP45521 Datasheet - ecoSWITCH Advanced Load Management: 11.5A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out or Adj. Slew Rate, Adj. Discharge, & Fault Protection
|
ON Semiconductor
|
NCP45560 |
NCP45560 Datasheet - ecoSWITCH™ Advanced Load Management: 23A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out, Adj. Slew Rate, Adj. Discharge, & Fault Protection
|
ON Semiconductor
|