PART |
Description |
Maker |
NME0505SNBSP NME1205 NME2412 NME1212 NME0505S NME0 |
DC/DC converter, 1 watt. Output voltage 12VDC. Output current 84mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 9VDC. Output current 110mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 5VDC. Output current 200mA. Input 24VDC . NME Series 1 Watt Surface Mount DC/DC Converters DC/DC Converters NME SERIES 1 WATT From old datasheet system Ty-Rap Self-Locking Cable Ties; Cable Bundle Diameter Max:2.00"; Body Material:Nylon 6.6; Cable Tie Length:8.8"; Cable Tie Width:0.301"; Tensile Strength:120lb; Color:Black DC / DC转换非市场经济系瓦特
|
International Power Sources List of Unclassifed Manufacturers XPiQ Inc. ETC[ETC] Electronic Theatre Controls, Inc.
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
HPR712 HPR717 HPR700 HPR703 HPR704 HPR705 HPR706 H |
5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 1000mA. 5 WATT UNREGULATED SIP DC/DC CONVERTER 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -208mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -167mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 1000mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage -15VDC, rated output current -167mA.
|
CANDD[C&D Technologies]
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
AMEOS30-12DMAZ AMEOS30-12SMAZ AMEOS30-15DMAZ AMEOS |
30 Watt | AC/DC Converter
|
AIMTEC
|
AM1D0505SNZ AM1D1205SNZ AM1D0515SNZ |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM1DR0505SNZ AM1DR0515SNZ AM1DR2405SNZ |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM1PS1205SNZ AM1PS1212SNZ AM1PS1203SNZ AM1PS1209SN |
1 Watt | DC-DC Converter
|
AIMTEC
|
MT5 |
5 WATT DC/DC CONVERTER
|
ETC
|
AM5TW-4805S-RZ AM5TW-4812D-RZ AM5TW-2424S-RZ AM5TW |
5 Watt | DC-DC Converter
|
AIMTEC
|
AM3T-4805S-VZ AM3T-2424S-VZ AM3T-0518D-VZ AM3T-051 |
3 Watt | DC-DC Converter
|
AIMTEC
|