PART |
Description |
Maker |
XC6372F XC6372 XC6372A XC6372B XC6372C XC6372D XC6 |
LINEAR HALL EFFECT SENSOR, DFN-6; Temp, op. min:-20(degree C); Temp, op. max:85(degree C); Pins, No. of:6; Case style:DFN; Base number:1395; Termination Type:SMD; Temperature, operating range:-20(degree C) to (degree C) RoHS Compliant: Yes XC6372
|
TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|
ADR01 ADR02 ADR03 |
Ultra Compact Precision 10.0 V Voltage Reference Ultra Compact Precision 5.0 V Reference Ultra Compact Precision 2.5 V Voltage Reference
|
Analog Devices
|
5707.0801.312 |
FILTER, IEC, 8A, 2P FUSE; Current rating:8A; Temp, op. max:85(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes
|
SCHURTER INC
|
ADIS16445 ADIS16445AMLZ ADIS16445/PCBZ |
Compact, Precision Six Degrees of Freedom Inertial Sensor
|
Analog Devices
|
MK2049-02 MK2049-02S MK2049-02SI MK2049-02SITR MK2 |
Communications Clock PLLs CAPACITOR, 1000UF 450V CAPACITOR, 1000UF 450V; CAPACITANCE:1000UF; VOLTAGE RATING, DC:450V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:B43456; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-25(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes
|
http:// ICST[Integrated Circuit Systems]
|
1301.9304 |
SWITCH, PCB PUSH 7.3MMSWITCH, PCB PUSH 7.3MM; Switch function type:Momentary; Voltage, contact DC max:12V dc; Temp, op. max:60(degree C); Temp, op. min:-10(degree C); Diameter, panel cut-out:3.3mm; Length / Height, external:3.5mm;
|
SCHURTER INC
|
AT49LV010 AT49LV010- AT49LV010-12TI AT49LV010-12TC |
RESISTOR, PTC, CAP CHARGE, 650VDC; Series:B5920; Thermistor type:PTC; Resistance:56R; Tolerance, resistance: /-30%; Temp, op. max: 125(degree C); Voltage, operating:650V; Case style:Radial; Depth, external:12.5mm; Diameter, RoHS Compliant: Yes THERMISTOR, PTC; Series:B59155; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes THERMISTOR, PTC; Series:B591; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
FW19EW127 |
M23 Male 90 Degree to M23 Female 90 Degree
|
Alpha Wire
|
E3C-GE4 E3C-S20DW E3C-LS3R2M E3C-C E3C-A E3C-DS5W2 |
Compact Head Amplifier-separated Photoelectric Sensor Thin, Compact Head Saves Space and Mounts Closely. Built-in Interference Protection Provided.
|
Omron Electronics LLC
|
CX-5F |
Compact, thin. (11.8】5.5】2.5mm) Compact, thin. (11.85.52.5mm) Compact, thin. (11.8.5.5mm) Compact/ thin. (11.85.52.5mm) Compact, thin. (11.85.5.5mm) 小型,薄型1.85.5.5毫米
|
Kyocera Kinseki Corporation KSS[Kyocera Kinseki Corpotation] Kyocera, Corp.
|
|