PART |
Description |
Maker |
BLM41PG750SN1B BLM41PG750SN1J BLM41PG750SN1K BLM41 |
EMIFIL (Inductor type) Chip Ferrite Bead BLM41P Series (1806 Size)
|
Murata Manufacturing Co., Ltd.
|
BLM03BC560SN1J BLM03BC560SN1B BLM03BC800SN1J BLM03 |
EMIFIL (Inductor type) Chip Ferrite Bead BLM03B Series (0201 Size)
|
Murata Manufacturing Co., Ltd.
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
28L0138-40R-10 |
FERRITE BEAD AXIAL LEAD 135 OHMS 1 FUNCTIONS, 5 A, FERRITE BEAD
|
Laird Technologies, Inc.
|
SK59S SK58S SK5BS SK52S SK53S SK54S SK55S SK56S SK |
FERRITE TUBULAR BEAD 25.40MM FERRITE TUBULAR BEAD 19.05MM SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
SCGB2012S400KPF SCGB1005S100FPF SCGB1005S102EPF SC |
Chip Ferrite Bead
|
Socay Electornics Co., Ltd. Socay Electornics Co., ...
|
HCB1608K-121T20 HCB3216K-121T20 HCB1608K-151T20 HC |
Ferrite Chip Bead
|
GANGES TECHNOLOGY
|
MCB1005-4532 |
Chip Ferrite Bead
|
UN Semiconducctor INC
|
BF-SB201209 BF-SB201209-070 BF-SB201209-090 BF-SB2 |
Multilayer Ferrite Chip Bead
|
Caliber Electronics Inc. ETC List of Unclassifed Manufacturers
|
R8M0603-800 R8M0603-110 R8M0603-400 R8M0603-451 R8 |
MULTI-LAYER FERRITE CHIP BEAD
|
MPS Industries, Inc.
|
R8M0402-100 R8M0402-400 R8M0402-121 R8M0402-241 R8 |
MULTI-LAYER FERRITE CHIP BEAD
|
MPS Industries, Inc.
|