PART |
Description |
Maker |
2203 2222 2210 2221 2208 2207 2202 2215 2219 2217 |
high Current Toroid Inductors 高电流环形电感器 General Purpose :22.9ozf; Operating Force Min:7.1ozf; Operating Position:0.625/0.657 in RoHS Compliant: Yes Snap Action Basic Switch; Contact Current Max:15A; Switch Terminals:Screw; Actuator Style:Roller Lever; Leaded Process Compatible:Yes; Operating Force:3.5ozf; Operating Force Max:3.5ozf; Operating Force Min:0.8ozf RoHS Compliant: Yes Compact SPDT on/on, black/black
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Gilway Technical Lamp N/A JW Miller
|
ZL-1576-15 |
Operating Voltage= 115/240 Vac Operating Current Max= 15.0 amp
|
JMK Inc.
|
ZF-1519-3 |
Operating Voltage= 115/240 Vac Operating Current Max= 3.0 amp
|
JMK Inc.
|
FF-1069A-3B |
Operating voltage = 125 / 250 Vac Operating current = 3 Amps
|
JMK Inc.
|
NJM41030 |
Operating Voltage Operating temperature range Small Package
|
New Japan Radio
|
HH-0828-1.5 |
Operating Voltage = 115 / 250 V~ Operating Current = 1.5 Amp
|
JMK Inc.
|
KK-1222-32 |
Operating voltage = 18 - 36 VDC Operating current (max) = 32 amperes
|
JMK Inc.
|
EF-1356-10B |
Operating voltage = 115-250vac Operating current = 10 amps
|
JMK Inc.
|
EF7203 EF-0720-3 |
Operating Voltage = 115/250 V Operating Current = 3 Amps
|
JMK Inc.
|
VSC7226 |
(ns): 240 (@16.8MHz); Operating Frequency / Supply Voltage: 1.8 to 5.5V; Operating Ambient Temperature (°C): -20 to 85; Package Code: PRDP0064BA
|
Vitesse Semiconductor Corporation.
|