PART |
Description |
Maker |
D1600U |
Full blocking capability 50/60Hz over a wide temperature range
|
Infineon Technologies A...
|
D2601N |
Full blocking capability 50/60Hz over a wide temperature range
|
Infineon Technologies A...
|
T2851N |
Full blocking 50/60Hz over a wide range temperature range
|
Infineon Technologies A...
|
BF3510TV 4397 |
From old datasheet system FULL 50-60Hz RECTIFICATION BRIDGE
|
STMICROELECTRONICS[STMicroelectronics]
|
IXBOD1-23R IXBOD1-23RD IXBOD1-19R IXBOD1-19RD IXBO |
Transient voltage protection Single Breakover Diode(单穿通二极管) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.55KV V(BO) MAX|15MA I(S) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.75KV V(BO) MAX|15MA I(S) GT 9C 2#12 7#16 SKT PLUG 3200 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.7KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.7KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.45KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.45KV五(公报)最大| 15mA的我(拧 2100 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.05KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.05KV五(公报)最大| 15mA的我(拧 3000 V, RVS BLOCKING BOD 2000 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.25KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.25KV五(公报)最大| 15mA的我(拧 2600 V, RVS BLOCKING BOD Breakover Diodes 800 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.35KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 1.35KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|3.3KV V(BO) MAX|15MA I(S)
|
IXYS Corporation IXYS, Corp.
|
LTC2413 LTC2413CGN LTC2413IGN |
24-Bit No Latency Delta Sigma with Simultaneous 50Hz/60Hz Rejection ADC, 24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
|
Linear Technology
|
SX8124 SX8124ISTRT |
24 hours timer synchronized on 50/60Hz mains
|
Semtech Corporation
|
PHMKP... |
Line Frequency Capacitors 50/60Hz, Type PhMKP
|
Vishay
|
B132100A |
VGA with Audio over Cat5-Cat6 Extender, Box-Style Receiver, 1920x1440 at 60Hz, Up to 1000-ft
|
Tripp Lite. All Rights ...
|